Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC5058 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # RC5058
Description  High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC5058 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button RC5058 Datasheet HTML 7Page - Fairchild Semiconductor RC5058 Datasheet HTML 8Page - Fairchild Semiconductor RC5058 Datasheet HTML 9Page - Fairchild Semiconductor RC5058 Datasheet HTML 10Page - Fairchild Semiconductor RC5058 Datasheet HTML 11Page - Fairchild Semiconductor RC5058 Datasheet HTML 12Page - Fairchild Semiconductor RC5058 Datasheet HTML 13Page - Fairchild Semiconductor RC5058 Datasheet HTML 14Page - Fairchild Semiconductor RC5058 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PRODUCT SPECIFICATION
RC5058
REV. 1.0.0 6/30/00
11
Table 3. RC5058 Application Bill of Materials for Intel Coppermine/Camino Motherboards
(Typical Design)
Notes:
1. Inductor L1 is recommended to isolate the 5V input supply from noise generated by the MOSFET switching, and to comply
with Intel dI/dt requirements. L1 may be omitted if desired.
2. For 12.5A designs using the TO-220 MOSFETs, heatsinks with thermal resistance
Θ
SA < 20°C/W should be used. For
designs using the TO-263 MOSFETs, adequate copper area should be used. For details and a spreadsheet on MOSFET
selections, refer to Applications Bulletins AB-8 and AB-15.
Reference
Manufacturer Part #
Quantity
Description
Requirements/Comments
C1
AVX
TAJB475M010R5
1
4.7µF, 10V Capacitor
C2, C5
Panasonic
ECU-V1C105ZFX
2
1µF, 16V Capacitor
C3-4,C6
Panasonic
ECU-V1H104ZFX
3
100nF, 50V Capacitor
C7-9
Sanyo
6MV1000FA
3
1000µF, 6.3V Electrolytic
C10-12
Any
3
22µF, 6.3V Capacitor
Low ESR
CIN
Sanyo
10MV1200GX
3
1200µF, 10V Electrolytic
IRMS = 2A
COUT
Sanyo
6MV1500GX
12
1500µF, 6.3V Electrolytic
ESR
≤ 44mΩ
D1
Motorola
MBRD835L
1
8A Schottky Diode
L1
Any
Optional
2.5µH, 5A Inductor
DCR ~ 10m
See Note 1.
L2
Any
1
1.3µH, 15A Inductor
DCR ~ 3m
Q1
Fairchild
FDB6030L
1
N-Channel MOSFET
RDS(ON) = 20mΩ @
VGS = 4.5V See Note 2.
Q2
Fairchild
FDB7030BL
1
N-Channel MOSFET
RDS(ON) = 10mΩ @
VGS = 4.5V See Note 2.
Q3-5
Fairchild
FDB4030L
3
N-Channel MOSFET
R1
Any
1
33
R2-3
Any
2
4.7
R4
Any
1
10K
R5, R7
Any
2
6.24K
R6
Any
1
10
R8
N/A
1
3.0m
PCB Trace Resistor
U1
Fairchild
RC5058M
1
DC/DC Controller


Similar Part No. - RC5058

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC5050 ETC1-RC5050 Datasheet
394Kb / 20P
   Programmable DC-DC Converter for Lo Voltage
RC5050M ETC1-RC5050M Datasheet
394Kb / 20P
   Programmable DC-DC Converter for Lo Voltage
logo
Fairchild Semiconductor
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5052M FAIRCHILD-RC5052M Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
More results

Similar Description - RC5058

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC5061 FAIRCHILD-RC5061 Datasheet
135Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5059MX FAIRCHILD-FAN5059MX Datasheet
216Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5071 FAIRCHILD-FAN5071 Datasheet
424Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5056MV85 FAIRCHILD-FAN5056MV85 Datasheet
162Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
   High Performance Programmable Synchronous DC-DC Controller
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
Semtech Corporation
SC1158 SEMTECH-SC1158 Datasheet
71Kb / 5P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com