Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC5054 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RC5054
Description  Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC5054 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RC5054 Datasheet HTML 1Page - Fairchild Semiconductor RC5054 Datasheet HTML 2Page - Fairchild Semiconductor RC5054 Datasheet HTML 3Page - Fairchild Semiconductor RC5054 Datasheet HTML 4Page - Fairchild Semiconductor RC5054 Datasheet HTML 5Page - Fairchild Semiconductor RC5054 Datasheet HTML 6Page - Fairchild Semiconductor RC5054 Datasheet HTML 7Page - Fairchild Semiconductor RC5054 Datasheet HTML 8Page - Fairchild Semiconductor RC5054 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PRODUCT SPECIFICATION
RC5054A
3
Absolute Maximum Ratings
Recommended Operating Conditions
Thermal Characteristics
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
17
LGATE
Connect LGATE to the lower MOSFET gate. This pin provides the gate drive for the
lower MOSFET.
18
VCC
Provide a 12V bias supply for the chip to this pin.
19
OVP
The OVP pin can be used to drive an external SCR in the event of an overvoltage
condition.
20
RT
This pin provides oscillator switching frequency adjustment. By placing a resistor
(RT) from this pin to GND, the nominal 200KHz switching frequency is increased
according to the following equation:
Conversely, connecting a pull-up resistor (RT) from this pin to VCC reduces the
switching frequency according to the following equation:
Min.
Max.
Power Input Voltage, VIN
6V
Supply Voltage, VCC
+13.5V
Boot Voltage, VBOOT - VPHASE
+13.5V
VCC or I/O Voltage
GND -0.3V
VCC + 0.3V
ESD Classification
Class 2
Min.
Max.
Supply Voltage, VCC
+12V -10%
+12V +10%
Ambient Temperature Range
0
°C
70
°C
Junction Temperature Range
0
°C
125
°C
Parameter
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance1
θJA
SOIC Package
SOIC Package
With 3in2 of Copper
110
86
°C/W
°C/W
Maximum Junction Temperature
Plastic Package
150
°C
Maximum Storage Temperature Range
-65
150
°C
Maximum Lead Temperature
Soldering 10s
300
°C
Pin Definitions (continued)
Pin Number Pin Names
Pin Function Description
F
S
200kHz
3.5
10
6
×
KHz x Kohm
[]
R
T Kohm
[]
------------------------------------------------------------
+
=
R
T to GND
(
)
F
S
200kHz
310
5
×
KHz x Kohm
[]
R
T Kohm
[]
--------------------------------------------------------
=
R
T to 12V
()


Similar Part No. - RC5054

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC5050 ETC1-RC5050 Datasheet
394Kb / 20P
   Programmable DC-DC Converter for Lo Voltage
RC5050M ETC1-RC5050M Datasheet
394Kb / 20P
   Programmable DC-DC Converter for Lo Voltage
logo
Fairchild Semiconductor
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5052M FAIRCHILD-RC5052M Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
More results

Similar Description - RC5054

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
logo
Semtech Corporation
SC1156 SEMTECH-SC1156 Datasheet
185Kb / 7P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS?
SC1151 SEMTECH-SC1151 Datasheet
97Kb / 6P
   PROGRAMMABLE DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS
SC1162 SEMTECH-SC1162 Datasheet
125Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
SC1185 SEMTECH-SC1185 Datasheet
122Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1164 SEMTECH-SC1164 Datasheet
130Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1182 SEMTECH-SC1182 Datasheet
130Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1186 SEMTECH-SC1186 Datasheet
109Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com