Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD40N06-14L-GE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQD40N06-14L-GE3
Description  Automotive N-Channel 60 V (D-S)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQD40N06-14L-GE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SQD40N06-14L-GE3 Datasheet HTML 1Page - Vishay Siliconix SQD40N06-14L-GE3 Datasheet HTML 2Page - Vishay Siliconix SQD40N06-14L-GE3 Datasheet HTML 3Page - Vishay Siliconix SQD40N06-14L-GE3 Datasheet HTML 4Page - Vishay Siliconix SQD40N06-14L-GE3 Datasheet HTML 5Page - Vishay Siliconix SQD40N06-14L-GE3 Datasheet HTML 6Page - Vishay Siliconix SQD40N06-14L-GE3 Datasheet HTML 7Page - Vishay Siliconix SQD40N06-14L-GE3 Datasheet HTML 8Page - Vishay Siliconix SQD40N06-14L-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SQD40N06-14L
www.vishay.com
Vishay Siliconix
S12-1846-Rev. B, 30-Jul-12
3
Document Number: 67002
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
20
40
60
80
100
0
369
12
15
VGS =10 V thru 5V
VGS =4V
VGS =3V
V
DS - Drain-to-Source Voltage (V)
0
16
32
48
64
80
0
8
16
24
32
40
ID - Drain Current (A)
TC = 125 °C
TC = 25 °C
TC = - 55 °C
Crss
0
500
1000
1500
2000
2500
0
102030
405060
Ciss
Coss
V
DS - Drain-to-Source Voltage (V)
0
20
40
60
80
100
0
1234
5
TC = - 55 °C
TC = 125 °C
TC = 25 °C
V
GS - Gate-to-Source Voltage (V)
0
0.01
0.02
0.03
0.04
0.05
0
12243648
60
VGS =10V
VGS =4.5 V
I
D - Drain Current (A)
0
2
4
6
8
10
0
5
10
15
20
25
30
35
ID =40A
VDS =30V
Q
g - Total Gate Charge (nC)


Similar Part No. - SQD40N06-14L-GE3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SQD40N06-14L-GE3 VBSEMI-SQD40N06-14L-GE3 Datasheet
897Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
More results

Similar Description - SQD40N06-14L-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ7414AEN VISHAY-SQ7414AEN Datasheet
642Kb / 15P
   Automotive N-Channel 60 V (D-S) MOSFET
Rev. C, 17-Aug-15
SQ7002K VISHAY-SQ7002K Datasheet
106Kb / 7P
   Automotive N-Channel 60 V (D-S) 175 MOSFET
Rev. B, 14-Feb-11
SQ2361EES-T1-GE3 VISHAY-SQ2361EES-T1-GE3 Datasheet
225Kb / 10P
   Automotive P-Channel 60 V (D-S)
Rev. C, 24-Sep-12
SQD15N06-42L VISHAY-SQD15N06-42L_13 Datasheet
165Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 20-May-13
SQJA62EP VISHAY-SQJA62EP Datasheet
197Kb / 7P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 14-Nov-16
SQ3426EV VISHAY-SQ3426EV Datasheet
258Kb / 12P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Sep-15
SQJ850EP VISHAY-SQJ850EP Datasheet
156Kb / 9P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. F, 19-Dec-11
SQJ460EP VISHAY-SQJ460EP Datasheet
187Kb / 10P
   Automotive N-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com