Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC5054A Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # RC5054A
Description  Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC5054A Datasheet(HTML) 5 Page - Fairchild Semiconductor

  RC5054A Datasheet HTML 1Page - Fairchild Semiconductor RC5054A Datasheet HTML 2Page - Fairchild Semiconductor RC5054A Datasheet HTML 3Page - Fairchild Semiconductor RC5054A Datasheet HTML 4Page - Fairchild Semiconductor RC5054A Datasheet HTML 5Page - Fairchild Semiconductor RC5054A Datasheet HTML 6Page - Fairchild Semiconductor RC5054A Datasheet HTML 7Page - Fairchild Semiconductor RC5054A Datasheet HTML 8Page - Fairchild Semiconductor RC5054A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PRODUCT SPECIFICATION
RC5054A
5
Functional Description
Initialization
The RC5054A automatically initializes upon receipt of
power. Special sequencing of the input supplies is not neces-
sary. The Power-On Reset (POR) function continually moni-
tors the input supply voltages. The POR monitors the bias
volt-age at the VCC pin and the input voltage (VIN) on the
OCSET pin. The level on OCSET is equal to VIN less a fixed
voltage drop (see over-current protection). The POR function
initiates soft start operation after both input supply voltages
exceed their POR thresholds. For operation with a single
+12V power source, VIN and VCC are equivalent and the
+12V power source must exceed the rising VCC threshold
before POR initiates operation.
Soft Start
The POR function initiates the soft start sequence. An inter-
nal 10
µA current source charges an external capacitor (CSS)
on the SS pin to 4V. Soft start clamps the error amplifier out-
put (COMP pin) and reference input (+ terminal of error
amp) to the SS pin voltage. Figure 1 shows the soft start
interval with CSS = 0.1µF. Initially the clamp on the error
amplifier (COMP pin) controls the converter’s output volt-
age. At t1 in Figure 1, the SS voltage reaches the valley of the
oscillator’s triangle wave. The oscillator’s triangular wave-
form is compared to the ramping error amplifier voltage. This
generates PHASE pulses of increasing width that charge the
output capacitor(s). This interval of increasing pulse width
continues to t2. With sufficient output voltage, the clamp on
the reference input controls the output voltage. This is the
interval between t2 and t3 in Figure 1. At t3 the SS voltage
exceeds the DACOUT voltage and the output voltage is in
regulation. This method provides a rapid and controlled
output voltage rise. The PGOOD signal toggles ‘high’ when
the output voltage (VSEN pin) is within
±5% of DACOUT.
The 2% hysteresis built into the power good comparators
prevents PGOOD oscillation due to nominal output voltage
ripple.
Figure 1. Soft Start Interval
0V
0V
0V
Time (5ms/DIV)
SOFT-START
(1V/DIV)
OUTPUT
(1V/DIV)
VOLTAGE
t2
t3
PGOOD
(2V/DIV)
t1
Over-Current Protection
The over-current function protects the converter from a
shorted output by using the upper MOSFET’s on-resistance,
RDS(ON) to monitor the current. This method enhances the
converter’s efficiency and reduces cost by eliminating a current
sensing resistor. The over-current function cycles the soft-
start function in a hiccup mode to provide fault protection. A
resistor (ROCSET) programs the over-current trip level. An
internal 200
µA current sink develops a voltage across ROCSET
that is referenced to VIN. When the voltage across the upper
MOSFET (also referenced to VIN) exceeds the voltage across
ROCSET , the over-current function initiates a soft-start
sequence. The soft-start function discharges CSS with a 10µA
current sink and inhibits PWM operation. The soft-start func-
tion recharges CSS, and PWM operation resumes with the
error amplifier clamped to the SS voltage. Should an over-
load occur while recharging CSS, the soft start function
inhibits PWM operation while fully charging CSS to 4V to
complete its cycle. Figure 2 shows this operation with an
overload condition. Note that the inductor current increases
to over 15A during the CSS charging interval and causes an
over-current trip. The converter dissipates very little power
with this method. The measured input power for the condi-
tions of Figure 2 is 2.5W.
The over-current function will trip at a peak inductor current
(IPEAK) determined by:
Figure 2. Over-Current Operation
where IOCSET is the internal OCSET current source (200µA
typical). The OC trip point varies mainly due to the MOSFET’s
RDS(ON) variations. To avoid over-current tripping in the
normal operating load range, find the ROCSET resistor from
the equation above with:
• The maximum RDS(ON) at the highest junction temperature.
• The minimum IOCSET from the specification table.
• Determine IPEAK for IPEAK > IOUT(MAX) + (∆I)/2,
where
∆I is the output inductor ripple current.
I
PEAK
I
OCSET
R
OCSET
R
DS ON
()
--------------------------------------------
=
0A
0V
Time (20ms/DIV)
5A
10A
15A
2V
4V


Similar Part No. - RC5054A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC5050 ETC1-RC5050 Datasheet
394Kb / 20P
   Programmable DC-DC Converter for Lo Voltage
RC5050M ETC1-RC5050M Datasheet
394Kb / 20P
   Programmable DC-DC Converter for Lo Voltage
logo
Fairchild Semiconductor
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5052M FAIRCHILD-RC5052M Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
More results

Similar Description - RC5054A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
logo
Semtech Corporation
SC1156 SEMTECH-SC1156 Datasheet
185Kb / 7P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS?
SC1151 SEMTECH-SC1151 Datasheet
97Kb / 6P
   PROGRAMMABLE DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS
SC1162 SEMTECH-SC1162 Datasheet
125Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
SC1185 SEMTECH-SC1185 Datasheet
122Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1164 SEMTECH-SC1164 Datasheet
130Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1182 SEMTECH-SC1182 Datasheet
130Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1186 SEMTECH-SC1186 Datasheet
109Kb / 12P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com