Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4200AM Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # RC4200AM
Description  Analog Multiplier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC4200AM Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button RC4200AM Datasheet HTML 6Page - Fairchild Semiconductor RC4200AM Datasheet HTML 7Page - Fairchild Semiconductor RC4200AM Datasheet HTML 8Page - Fairchild Semiconductor RC4200AM Datasheet HTML 9Page - Fairchild Semiconductor RC4200AM Datasheet HTML 10Page - Fairchild Semiconductor RC4200AM Datasheet HTML 11Page - Fairchild Semiconductor RC4200AM Datasheet HTML 12Page - Fairchild Semiconductor RC4200AM Datasheet HTML 13Page - Fairchild Semiconductor RC4200AM Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
RC4200
PRODUCT SPECIFICATION
10
REV. 1.2.1 6/14/01
Procedure
1.
Set both trimmer pots to 0V on the wiper.
2.
Put in a full scale (0 to VX(max.) squarewave on VX
input. Adjust XOS(R5) for proper peak-to-peak ampli-
tude on V0 output. (Scaling adjust)
3.
Connect VX input to ground. Adjust VOS(R13) for 0V
on V0 output.
10K
R
5
R
13
50K
=
R
7
100
=
R
6
R
7
V
S
0.05
----------
=
R
8
R
1
R
a
R
ao
||
||
=
R
9
R
b
=
R
10
R
0
R
C
||
=
R
11
100
=
R
12
R
11
V
S
0.1
-------
=
Square Root Circuit Offset Adjust
Figure 9. Square Root Circuit Offset Adjust
65-1876
RC4200
Multiplier
V
(Input)
S
X
O
O
S
ao
Ra
Rb
R1
R
-V
I3
R
V
(Output)
+V
S
-V
3
6
4
5
8
7
1
2
Rc
Rd
I2
I1
I4
REF
+V
R4
S
-V
S
+V
R13 V OS
R12
R10
R11
0.1 F
µ
0.1 F
µ
0.1 F
µ
R9
R7
R8
R6
R5
S
-V
S
+V
Y
R14
S
+V
S
-V
R15
R17 = Rb
R16
R14-R17 can be used in place of R9 to help
reduce linearity error due to resistor product
mis-match (See Appendix 1).
OS
XOS


Similar Part No. - RC4200AM

ManufacturerPart #DatasheetDescription
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
RC4277AD RAYTHEON-RC4277AD Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
RC4277AD/883B RAYTHEON-RC4277AD/883B Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
RC4277ED RAYTHEON-RC4277ED Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
RC4277EN RAYTHEON-RC4277EN Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
More results

Similar Description - RC4200AM

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM4200 NJRC-NJM4200 Datasheet
454Kb / 11P
   ANALOG MULTIPLIER
logo
Micrel Semiconductor
PL560-37 MICREL-PL560-37 Datasheet
757Kb / 15P
   Analog Frequency Multiplier
logo
Texas Instruments
MPY534KD TI-MPY534KD Datasheet
82Kb / 9P
[Old version datasheet]   Precision ANALOG MULTIPLIER
logo
PhaseLink Corporation
PL560-08 PLL-PL560-08 Datasheet
500Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL565-68 MICREL-PL565-68 Datasheet
558Kb / 12P
   Analog Frequency Multiplier
logo
PhaseLink Corporation
PL560-XX PLL-PL560-XX Datasheet
887Kb / 15P
   Analog Frequency Multiplier
logo
Burr-Brown (TI)
MPY534 BURR-BROWN-MPY534 Datasheet
116Kb / 8P
   Precision ANALOG MULTIPLIER
logo
PhaseLink Corporation
PL660 PLL-PL660 Datasheet
484Kb / 15P
   Analog Frequency Multiplier
logo
Micrel Semiconductor
PL560-08 MICREL-PL560-08_12 Datasheet
552Kb / 12P
   Analog Frequency Multiplier
logo
Analog Devices
AD633JRZ AD-AD633JRZ Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com