Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC5051 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # RC5051
Description  Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC5051 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button RC5051 Datasheet HTML 7Page - Fairchild Semiconductor RC5051 Datasheet HTML 8Page - Fairchild Semiconductor RC5051 Datasheet HTML 9Page - Fairchild Semiconductor RC5051 Datasheet HTML 10Page - Fairchild Semiconductor RC5051 Datasheet HTML 11Page - Fairchild Semiconductor RC5051 Datasheet HTML 12Page - Fairchild Semiconductor RC5051 Datasheet HTML 13Page - Fairchild Semiconductor RC5051 Datasheet HTML 14Page - Fairchild Semiconductor RC5051 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PRODUCT SPECIFICATION
RC5051
REV. 1.0.4 4/2/01
11
developed across the sense resistor exceeds the 120mV com-
parator threshold voltage, the RC5051 reduces the output
duty cycle to help protect the power devices. The DC-DC
converter returns to normal operation after the fault has been
removed.
Oscillator
The RC5051 oscillator section uses a fixed current capacitor
charging configuration. An external capacitor (CEXT) is
used to set the oscillator frequency between 80KHz and
1MHz. This scheme allows maximum flexibility in choosing
external components.
In general, a higher operating frequency decreases the peak
ripple current flowing in the output inductor, thus allowing
the use of a smaller inductor value. In addition, operation at
higher frequencies decreases the amount of energy storage
that must be provided by the bulk output capacitors during
load transients due to faster loop response of the controller.
Unfortunately, the efficiency losses due to switching of the
MOSFETs increase as the operating frequency is increased.
Thus, efficiency is optimized at lower frequencies. An oper-
ating frequency of 300KHz is a typical choice which opti-
mizes efficiency and minimizes component size while
maintaining excellent regulation and transient performance
under all operating conditions.
Design Considerations and Component
Selection
Additional information on design and component selection
may be found in Fairchild Semiconductor’s Application
Note 53.
MOSFET Selection
This application requires N-channel Logic Level Enhance-
ment Mode Field Effect Transistors. Desired characteristics
are as follows:
• Low Static Drain-Source On-Resistance,
RDS,ON < 20m
Ω (lower is better)
• Low gate drive voltage, VGS = 4.5V rated
• Power package with low Thermal Resistance
• Drain-Source voltage rating > 15V.
The on-resistance (RDS,ON) is the primary parameter for
MOSFET selection. The on-resistance determines the power
dissipation within the MOSFET and therefore significantly
affects the efficiency of the DC-DC Converter. For details
and a spreadsheet on MOSFET selection, refer to Applica-
tions Bulletin AB-8
MOSFET Gate Bias
The high side MOSFET gate driver can be biased by one of
two methods–Charge Pump or 12V Gate Bias. The charge
pump method has the advantage of requiring only +5V as an
input voltage to the converter, but the 12V method will real-
ize increased efficiency by providing an increased VGS to the
high side MOSFETs.
Method 1. Charge Pump (Bootstrap)
Figure 3 shows the use of a charge pump to provide gate bias
to the high side MOSFET when +12V is unavailable. Capac-
itor CP is the charge pump used to boost the voltage of the
RC5051 output driver. When the MOSFET Q1 switches off,
the source of the MOSFET is at approximately 0V because
of the MOSFET Q2. (The Schottky D2 conducts for only a
very short time, and is not relevent to this discussion.) CP is
charged through the Schottky diode D1 to approximately
4.5V. When the MOSFET Q1 turns on, the voltage at the
source of the MOSFET is equal to 5V. The capacitor voltage
follows, and hence provides a voltage at VCCQP equal to
almost 10V. The Schottky diode D1 is required to provide
the charge path when the MOSFET is off, and reverses
biases when VCCQP goes to 10V. The charge pump capaci-
tor (CP) needs to be a high Q, high frequency capacitor. A
1
µF ceramic capacitor is recommended here.
Figure 3. Charge Pump Configuration
Method 2. 12V Gate Bias
Figure 4 illustrates how a 12V source can be used to bias
VCCQP. A 47
Ω resistor is used to limit the transient current
into the VCCQP pin and a 1µF capacitor is used to filter the
VCCQP supply. This method provides a higher gate bias
voltage (VGS) to the high side MOSFET than the charge
pump method, and therefore reduces the RDS,ON and the
resulting power loss within the MOSFET. In designs where
efficiency is a primary concern, the 12V gate bias method is
recommended. A 6.2V Zener diode, D1, is used to clamp the
voltage at VCCQP to a maximum of 12V and ensure that the
absolute maximum voltage of the IC will not be exceeded.
PWM/PFM
Control
65-5051-06
VO
+5V
D1
D2
CP
Q1
Q2
L2
RS
COUT
VCCQP
HIDRV
LODRV
GNDP


Similar Part No. - RC5051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC5050 ETC1-RC5050 Datasheet
394Kb / 20P
   Programmable DC-DC Converter for Lo Voltage
RC5050M ETC1-RC5050M Datasheet
394Kb / 20P
   Programmable DC-DC Converter for Lo Voltage
logo
Fairchild Semiconductor
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5052M FAIRCHILD-RC5052M Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5054 FAIRCHILD-RC5054 Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
More results

Similar Description - RC5051

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
logo
Semtech Corporation
SC1156 SEMTECH-SC1156 Datasheet
185Kb / 7P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS?
SC1151 SEMTECH-SC1151 Datasheet
97Kb / 6P
   PROGRAMMABLE DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS
SC1158 SEMTECH-SC1158 Datasheet
71Kb / 5P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
SC1157 SEMTECH-SC1157 Datasheet
71Kb / 5P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
SC1153 SEMTECH-SC1153 Datasheet
78Kb / 7P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
SC1152 SEMTECH-SC1152 Datasheet
77Kb / 7P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
logo
Fairchild Semiconductor
FAN5056MV85 FAIRCHILD-FAN5056MV85 Datasheet
162Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com