Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4157M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # RC4157M
Description  High Performance Quad Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC4157M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  RC4157M Datasheet HTML 1Page - Fairchild Semiconductor RC4157M Datasheet HTML 2Page - Fairchild Semiconductor RC4157M Datasheet HTML 3Page - Fairchild Semiconductor RC4157M Datasheet HTML 4Page - Fairchild Semiconductor RC4157M Datasheet HTML 5Page - Fairchild Semiconductor RC4157M Datasheet HTML 6Page - Fairchild Semiconductor RC4157M Datasheet HTML 7Page - Fairchild Semiconductor RC4157M Datasheet HTML 8Page - Fairchild Semiconductor RC4157M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
RC4156/RC4157
PRODUCT SPECIFICATION
REV. 1.0.1 6/13/01
5
Typical Performance Characteristics (continued)
Figure 6. Slew Rate, Bandwidth vs. Temperature
Figure 7. Slew Rate, Bandwidth vs. Supply Voltage
Figure 8. Output Voltage Swing vs. Frequency
Figure 9. Output Voltage Swing vs. Load Resistance
Figure 10. Small Signal Phase Margin,
Unity Gain Bandwidth vs. Load Capacitance
TA (°C)
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-100
-50
0
+50
+100
+150
±V
S (V)
1.1
1.0
0.9
0.8
0.7
0
±2
±5
±10
±15
±20
BW
SR and
BW
F (Hz)
4156
(Voltage Follower)
R = Open
C = 50 pF
L
L
10
1.0
0.1
30
100
1K
10K
100K
1M
VOUT P-P = 28V VS = ±15V
VOUT P-P = 18V VS = ±10V
VOUT P-P = 8V VS = ±5V
RL ( )
30
25
20
15
10
05
0
100
1K
10K
100K
CL (pF)
70
60
50
40
30
20
10
0
10
100
1K
10K
100K
7
6
5
4
3
2
1
0
ΦM
BW
4156


Similar Part No. - RC4157M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC4151 FAIRCHILD-RC4151 Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
RC4151HC FAIRCHILD-RC4151HC Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
logo
Texas Instruments
RC4151NB TI-RC4151NB Datasheet
778Kb / 20P
[Old version datasheet]   LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
RC4151NB TI1-RC4151NB Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Fairchild Semiconductor
RC4151TC FAIRCHILD-RC4151TC Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
More results

Similar Description - RC4157M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
December 1997
logo
E-CMOS Corporation
EC5614 E-CMOS-EC5614 Datasheet
596Kb / 9P
   High Performance Rail-to-Rail Quad Operational Amplifiers
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
E-CMOS Corporation
EC5604 E-CMOS-EC5604 Datasheet
7Mb / 10P
   18V High Performance Rail-to-Rail Quad Operational Amplifiers
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com