Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW0201172RFNED Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CRCW0201172RFNED
Description  Lead (Pb)-free Commodity Thick Film Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0201172RFNED Datasheet(HTML) 2 Page - Vishay Siliconix

  CRCW0201172RFNED Datasheet HTML 1Page - Vishay Siliconix CRCW0201172RFNED Datasheet HTML 2Page - Vishay Siliconix CRCW0201172RFNED Datasheet HTML 3Page - Vishay Siliconix CRCW0201172RFNED Datasheet HTML 4Page - Vishay Siliconix CRCW0201172RFNED Datasheet HTML 5Page - Vishay Siliconix CRCW0201172RFNED Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CRCW0201 e3
www.vishay.com
Vishay
Revision: 06-Jun-12
2
Document Number: 20052
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
Note
• No marking for 0201 size.
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: CRCW02011K00FNED
MODEL
VALUE
TOLERANCE
TCR
PACKAGING
CRCW0201
R = Decimal
K = Thousand
M = Million
0000 = Jumper
D = ± 0.5 %
F = ± 1.0 %
J = ± 5.0 %
Z = Jumper
K = ± 100 ppm/K
N = ± 200 ppm/K
X = - 200 ppm/K/+ 400 ppm/K
0 = Jumper
ED
EE
EI
PRODUCT DESCRIPTION: CRCW0201 100 1K0 1 % ET7 e3
CRCW0201
100
562R
1 %
ET7
e3
MODEL
TCR
RESISTANCE
VALUE
TOLERANCE
VALUE
PACKAGING
LEAD (Pb)-FREE
CRCW0201
± 200 ppm/K
± 100 ppm/K
- 200/+ 400 ppm/K
1R0 = 1
10R = 10
1K0 = 1 k
10K = 10 k
1M0 = 1 M
0R0 = Jumper
± 0.5 %
± 1 %
± 5 %
ET7
EF4
ET2
e3 = Pure tin
termination finish
PACKAGING
MODEL
CODE
QUANTITY
CARRIER TAPE
WIDTH
PITCH
REEL DIAMETER
CRCW0201
ED = ET7
10 000
Paper tape acc.
to IEC 60068-3
Type I
8 mm
2 mm
180 mm/7"
EI = ET2
20 000
254 mm/10"
EE = EF4
50 000
330 mm/13"
SIZE
DIMENSIONS
SOLDER PAD DIMENSIONS
INCH
METRIC
L
W
H
T1
T2
a
b
l
0201
0603
0.6 ± 0.05
0.3 ± 0.05
0.23 ± 0.05
0.15 ± 0.05
0.2
+ 0.05
- 0.10
0.28
0.43
0.23
C
R
C
W
0
2
0
1
1
K
0
0
F
K
E
D


Similar Part No. - CRCW0201172RFNED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW020117K4FNED VISHAY-CRCW020117K4FNED Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
More results

Similar Description - CRCW0201172RFNED

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0201E3 VISHAY-CRCW0201E3 Datasheet
84Kb / 5P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 28-Oct-13
CRCW02011K50FNED VISHAY-CRCW02011K50FNED Datasheet
90Kb / 5P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com