Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX84C3V9-V Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. BZX84C3V9-V
Description  Small Signal Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX84C3V9-V Datasheet(HTML) 3 Page - Vishay Siliconix

  BZX84C3V9-V Datasheet HTML 1Page - Vishay Siliconix BZX84C3V9-V Datasheet HTML 2Page - Vishay Siliconix BZX84C3V9-V Datasheet HTML 3Page - Vishay Siliconix BZX84C3V9-V Datasheet HTML 4Page - Vishay Siliconix BZX84C3V9-V Datasheet HTML 5Page - Vishay Siliconix BZX84C3V9-V Datasheet HTML 6Page - Vishay Siliconix BZX84C3V9-V Datasheet HTML 7Page - Vishay Siliconix BZX84C3V9-V Datasheet HTML 8Page - Vishay Siliconix BZX84C3V9-V Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BZX84-V-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 08-Dec-11
3
Document Number: 85763
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BZX84B2V4-V
Z50
2.35
2.4
2.45
5
1
50
1
100
275
- 9
- 4
BZX84B2V7-V
Z51
2.65
2.7
2.75
5
1
20
1
100
600
- 9
- 4
BZX84B3V0-V
Z52
2.94
3.0
3.06
5
1
10
1
95
600
- 9
- 3
BZX84B3V3-V
Z53
3.23
3.3
3.37
5
1
5
1
95
600
- 8
- 3
BZX84B3V6-V
Z54
3.53
3.6
3.67
5
1
5
1
90
600
- 8
- 3
BZX84B3V9-V
Z55
3.82
3.9
3.98
5
1
3
1
90
600
- 7
- 3
BZX84B4V3-V
Z56
4.21
4.3
4.39
5
1
3
1
90
600
- 6
- 1
BZX84B4V7-V
Z57
4.61
4.7
4.79
5
1
3
2
80
500
- 5
2
BZX84B5V1-V
Z58
5.0
5.1
5.2
5
1
2
2
60
480
- 3
4
BZX84B5V6-V
Z59
5.49
5.6
5.71
5
1
1
2
40
400
- 2
6
BZX84B6V2-V
Z60
6.08
6.2
6.32
5
1
3
4
10
150
- 1
7
BZX84B6V8-V
Z61
6.66
6.8
6.94
5
1
2
4
15
80
2
7
BZX84B7V5-V
Z62
7.35
7.5
7.65
5
1
1
5
15
80
3
7
BZX84B8V2-V
Z63
8.04
8.2
8.36
5
1
0.7
5
15
80
4
7
BZX84B9V1-V
Z64
8.92
9.1
9.28
5
1
0.5
6
15
100
5
8
BZX84B10-V
Z65
9.8
10
10.2
5
1
0.2
7
20
150
5
8
BZX84B11-V
Z66
10.8
11
11.2
5
1
0.1
8
20
150
5
9
BZX84B12-V
Z67
11.8
12
12.2
5
1
0.1
8
25
150
6
9
BZX84B13-V
Z68
12.7
13
13.3
5
1
0.1
8
30
170
7
9
BZX84B15-V
Z69
14.7
15
15.3
5
1
0.05
10.5
30
200
7
9
BZX84B16-V
Z70
15.7
16
16.3
5
1
0.05
11.2
40
200
8
9.5
BZX84B18-V
Z71
17.6
18
18.4
5
1
0.05
12.6
45
225
8
9.5
BZX84B20-V
Z72
19.6
20
20.4
5
1
0.05
14
55
225
8
10
BZX84B22-V
Z73
21.6
22
22.4
5
1
0.05
15.4
55
250
8
10
BZX84B24-V
Z74
23.5
24
24.5
5
1
0.05
16.8
70
250
8
10
BZX84B27-V
Z75
26.5
27
27.5
2
0.5
0.05
18.9
80
300
8
10
BZX84B30-V
Z76
29.4
30
30.6
2
0.5
0.05
21
80
300
8
10
BZX84B33-V
Z77
32.3
33
33.7
2
0.5
0.05
23.1
80
325
8
10
BZX84B36-V
Z78
35.3
36
36.7
2
0.5
0.05
25.2
90
350
8
10
BZX84B39-V
Z79
38.2
39
39.8
2
0.5
0.05
27.3
130
350
10
12
BZX84B43-V
Z80
42.1
43
43.9
2
0.5
0.05
30.1
150
375
10
12
BZX84B47-V
Z81
46.1
47
47.9
2
0.5
0.05
32.9
170
375
10
12
BZX84B51-V
Z82
50
51
52
2
0.5
0.05
35.7
180
400
10
12
BZX84B56-V
Z83
54.9
56
57.1
2
0.5
0.05
39.2
200
425
9
11
BZX84B62-V
Z84
60.8
62
63.2
2
0.5
0.05
43.4
215
450
9
12
BZX84B68-V
Z85
66.6
68
69.4
2
0.5
0.05
47.6
240
475
10
12
BZX84B75-V
Z86
73.5
75
76.5
2
0.5
0.05
52.5
255
500
10
12
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART
NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE
TEST CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
f = 1 kHz
TEMPERATURE
COEFFICIENT
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1 ZZK at IZT2
VZ at IZT1
V
mA
μA
V
10-4/°C
MIN.
NOM.
MAX.
MAX.
MAX.
MIN.
MAX.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn