Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX84C3V9-V Datasheet(PDF) 8 Page - Vishay Siliconix

Part No. BZX84C3V9-V
Description  Small Signal Zener Diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX84C3V9-V Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button BZX84C3V9-V Datasheet HTML 3Page - Vishay Siliconix BZX84C3V9-V Datasheet HTML 4Page - Vishay Siliconix BZX84C3V9-V Datasheet HTML 5Page - Vishay Siliconix BZX84C3V9-V Datasheet HTML 6Page - Vishay Siliconix BZX84C3V9-V Datasheet HTML 7Page - Vishay Siliconix BZX84C3V9-V Datasheet HTML 8Page - Vishay Siliconix BZX84C3V9-V Datasheet HTML 9Page - Vishay Siliconix BZX84C3V9-V Datasheet HTML 10Page - Vishay Siliconix BZX84C3V9-V Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.vishay.com
8
Document Number 85763
Rev. 1.7, 14-Jul-05
BZX84-V-Series
Vishay Semiconductors
Layout for RTheta;JA test
Thickness: Fiberglass 0.059 in. (1.5 mm)
Copper leads 0.012 in. (0.3 mm)
Figure 18. Breakdown Characteristics
18113
17451
15 (0.59)
12 (0.47)
0.8 (0.03)
5 (0.2)
7.5 (0.3)
3 (0.12)
1 (0.4)
1 (0.4)
2 (0.8)
2 (0.8)
1.5 (0.06)
5.1 (0.2)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn