Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4558 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # RC4558
Description  Dual High-Gain Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC4558 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button RC4558 Datasheet HTML 2Page - Fairchild Semiconductor RC4558 Datasheet HTML 3Page - Fairchild Semiconductor RC4558 Datasheet HTML 4Page - Fairchild Semiconductor RC4558 Datasheet HTML 5Page - Fairchild Semiconductor RC4558 Datasheet HTML 6Page - Fairchild Semiconductor RC4558 Datasheet HTML 7Page - Fairchild Semiconductor RC4558 Datasheet HTML 8Page - Fairchild Semiconductor RC4558 Datasheet HTML 9Page - Fairchild Semiconductor RC4558 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PRODUCT SPECIFICATION
RC4558
8
Typical Applications (continued)
Figure 24. AC Coupled Non-Inverting Amplifier
Figure 25. AC Coupled Inverting Amplifier
Figure 26. 1kHz Bandpass Active Filter
Figure 27. Voltage Controlled Oscillator (VCO)
IN
V
1M
100K
0.1
µF
10
µF
1M
100K
100K
10K
+VS
OUT
V
+VS
65-0234
3
2
1
4558A
4
8
4
65-0236
OUT
V
10K
+V
S
100K
10 F
m
100K
+VS
IN
V
10K
100K
3
2
1
4558A
4
65-0235
VOUT
S
-V
120K
100K
+V
S
IN
V
390K
620
½
0.01
µF
0.01
µF
620K
10
µF
390K
+VS
100K
39K
3
2
1
4558A
4
5
6
7
4558B
4
8
65-0237
100K
51K
0.05
µF
51K
R/2
50K
+VC*
51K
10K
+V /2
S
100K
VOUT 1
* Wide control voltage range: 0V < VS < 2(+VS – 1.5VS)
3
2
1
4558A
5
6
7
4558B
VOUT 2


Similar Part No. - RC4558

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4558 TI-RC4558 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558 TI-RC4558 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIER
RC4558 TI1-RC4558 Datasheet
1Mb / 31P
[Old version datasheet]   Dual General-Purpose Operational Amplifier
RC4558-W TI1-RC4558-W Datasheet
1Mb / 31P
[Old version datasheet]   Dual General-Purpose Operational Amplifier
More results

Similar Description - RC4558

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RM4559D FAIRCHILD-RM4559D Datasheet
95Kb / 14P
   Dual High-Gain Operational Amplifier
logo
National Semiconductor ...
LH0020 NSC-LH0020 Datasheet
66Kb / 3P
   HIGH GAIN OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-06 AD-OP-06_15 Datasheet
2Mb / 8P
   HIGH GAIN INSTRUMENTATION OPERATIONAL AMPLIFIER
OP-06 AD-OP-06 Datasheet
230Kb / 5P
   High-Gain Instrumentation Operational Amplifier
OP06 AD-OP06_15 Datasheet
234Kb / 5P
   High Gain Instumentation Operational Amplifier
OP06GJ AD-OP06GJ Datasheet
233Kb / 5P
   High-Gain Instrumentation Operational Amplifier
OP06BJ AD-OP06BJ Datasheet
233Kb / 5P
   High-Gain Instrumentation Operational Amplifier
logo
National Semiconductor ...
OPA2832 NSC-OPA2832 Datasheet
949Kb / 37P
   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Texas Instruments
OPA2832 TI1-OPA2832 Datasheet
952Kb / 37P
[Old version datasheet]   Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Elantec Semiconductor
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com