Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

515D477M016CC6AE3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 515D477M016CC6AE3
Description  Aluminum Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

515D477M016CC6AE3 Datasheet(HTML) 8 Page - Vishay Siliconix

  515D477M016CC6AE3 Datasheet HTML 1Page - Vishay Siliconix 515D477M016CC6AE3 Datasheet HTML 2Page - Vishay Siliconix 515D477M016CC6AE3 Datasheet HTML 3Page - Vishay Siliconix 515D477M016CC6AE3 Datasheet HTML 4Page - Vishay Siliconix 515D477M016CC6AE3 Datasheet HTML 5Page - Vishay Siliconix 515D477M016CC6AE3 Datasheet HTML 6Page - Vishay Siliconix 515D477M016CC6AE3 Datasheet HTML 7Page - Vishay Siliconix 515D477M016CC6AE3 Datasheet HTML 8Page - Vishay Siliconix 515D477M016CC6AE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
515D
www.vishay.com
Vishay Sprague
Revision: 12-Jun-13
8
Document Number: 42052
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
450 WVDC AT + 85 °C, SURGE = 500 V
1.0
515D105M450CC6AE3
0.394 x 0.492 [10.0 x 12.5]
19.0
0.25
2.2
515D225M450CD6AE3
0.394 x 0.630 [10.0 x 16.0]
29.0
0.25
4.7
515D475M450DG6AE3
0.492 x 0.787 [12.5 x 20.0]
50.0
0.25
10.0
515D106M450EK6AE3
0.492 x 0.984 [12.5 x 25.0]
75.0
0.25
22.0
515D226M450EN6AE3
0.630 x 1.240 [16.0 x 31.5]
110.0
0.25
33.0
515D336M450FR6AE3
0.709 x 1.398 [18.0 x 35.5]
170.0
0.25
LOW PROFILE RATINGS in inches [millimeters]
CAPACITANCE
(μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. RIPPLE
AT + 85 °C
120 Hz (mA)
MAX. DF
AT + 20 °C
120 Hz
6.3 WVDC AT + 85 °C, SURGE = 8 V
22.0
515D226M6R3HW6AE3
0.157 x 0.276 [4.0 x 7.0]
34.0
0.24
33.0
515D336M6R3JW6AE3
0.197 x 0.276 [5.0 x 7.0]
42.0
0.24
47.0
515D476M6R3JW6AE3
0.197 x 0.276 [5.0 x 7.0]
50.0
0.24
100.0
515D107M6R3AW6AE3
0.248 x 0.276 [6.3 x 7.0]
77.0
0.24
10 WVDC AT + 85 °C, SURGE = 13 V
22.0
515D226M010JW6AE3
0.197 x 0.276 [5.0 x 7.0]
38.0
0.20
33.0
515D336M010JW6AE3
0.197 x 0.276 [5.0 x 7.0]
47.0
0.20
47.0
515D476M010AW6AE3
0.248 x 0.276 [6.3 x 7.0]
59.0
0.20
16 WVDC AT + 85 °C, SURGE = 20 V
10.0
515D106M016HW6AE3
0.157 x 0.276 [4.0 x 7.0]
28.0
0.16
22.0
515D226M016JW6AE3
0.197 x 0.276 [5.0 x 7.0]
44.0
0.16
33.0
515D336M016AW6AE3
0.248 x 0.276 [6.3 x 7.0]
57.0
0.16
47.0
515D476M016AW6AE3
0.248 x 0.276 [6.3 x 7.0]
68.0
0.16
25 WVDC AT + 85 °C, SURGE = 32 V
10.0
515D106M025JW6AE3
0.197 x 0.276 [5.0 x 7.0]
33.0
0.14
22.0
515D226M025AW6AE3
0.248 x 0.276 [6.3 x 7.0]
51.0
0.14
33.0
515D336M025AW6AE3
0.248 x 0.276 [6.3 x 7.0]
63.0
0.14
35 WVDC AT + 85 °C, SURGE = 44 V
4.7
515D475M035HW6AE3
0.157 x 0.276 [4.0 x 7.0]
24.0
0.12
10.0
515D106M035JW6AE3
0.197 x 0.276 [5.0 x 7.0]
36.0
0.12
22.0
515D226M035AW6AE3
0.248 x 0.276 [6.3 x 7.0]
57.0
0.12
50 WVDC AT + 85 °C, SURGE = 63 V
0.10
515D104M050JW6AE3
0.157 x 0.276 [4.0 x 7.0]
1.0
0.10
0.22
515D224M050HW6AE3
0.157 x 0.276 [4.0 x 7.0]
2.3
0.10
0.33
515D334M050HW6AE3
0.157 x 0.276 [4.0 x 7.0]
3.5
0.10
0.47
515D474M050HW6AE3
0.157 x 0.276 [4.0 x 7.0]
5.0
0.10
1.0
515D105M050HW6AE3
0.157 x 0.276 [4.0 x 7.0]
10.0
0.10
2.2
515D225M050HW6AE3
0.157 x 0.276 [4.0 x 7.0]
19.0
0.10
3.3
515D335M050HW6AE3
0.157 x 0.276 [4.0 x 7.0]
24.0
0.10
4.7
515D475M050JW6AE3
0.197 x 0.276 [5.0 x 7.0]
29.0
0.10
10.0
515D106M050AW6AE3
0.248 x 0.276 [6.3 x 7.0]
44.0
0.10
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. RIPPLE
AT + 85 °C
120 Hz (mA)
MAX. DF
AT + 20 °C
120 Hz


Similar Part No. - 515D477M016CC6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
515D477M016CC6AE3 VISHAY-515D477M016CC6AE3 Datasheet
111Kb / 8P
   Aluminum Capacitors 85 °C, Miniature, Radial Lead
01-Jan-2022
More results

Similar Description - 515D477M016CC6AE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
   Aluminum Capacitors Aluminum Capacitors
Revision: 18-Aug-08
ECL VISHAY-ECL Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 17-Jul-08
ECL VISHAY-ECL_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV Datasheet
87Kb / 5P
   Aluminum Capacitors
Revision: 13-Nov-08
ECA VISHAY-ECA_12 Datasheet
92Kb / 6P
   Aluminum Capacitors
Revision: 18-Oct-12
ECV VISHAY-ECV_12 Datasheet
90Kb / 5P
   Aluminum Capacitors
Revision: 18-Oct-12
ECA VISHAY-ECA Datasheet
90Kb / 6P
   Aluminum Capacitors
Revision: 05-Jun-08
ECB VISHAY-ECB Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 05-Jun-08
logo
Nichicon corporation
UAS2D330MHD NICHICON-UAS2D330MHD Datasheet
65Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UBX1A330MHL NICHICON-UBX1A330MHL Datasheet
79Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com