Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC4156 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # RC4156
Description  High Performance Quad Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC4156 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button RC4156 Datasheet HTML 5Page - Fairchild Semiconductor RC4156 Datasheet HTML 6Page - Fairchild Semiconductor RC4156 Datasheet HTML 7Page - Fairchild Semiconductor RC4156 Datasheet HTML 8Page - Fairchild Semiconductor RC4156 Datasheet HTML 9Page - Fairchild Semiconductor RC4156 Datasheet HTML 10Page - Fairchild Semiconductor RC4156 Datasheet HTML 11Page - Fairchild Semiconductor RC4156 Datasheet HTML 12Page - Fairchild Semiconductor RC4156 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RC4156/RC4157
PRODUCT SPECIFICATION
REV. 1.0.1 6/13/01
9
Figure 16. Bandpass Active Filter
These equations can be combined to obtain the transfer function:
and
65-0752
Set Center Frequency
C1
1000 pF
RC4156/57
B
VBP
R2
R1
C2
1000 pF
RC4156/57
C
R6
100K
RC4156/57
A
R4
10K
R5
100K
R3
R7
V
Trim
Gain
and Q
IN
3
2
1
5
6
7
10
9
8
V
BP s
()
1
R1C1S
------------------V
HP s
()
=
V
LP s
()
1
R2C2S
------------------V
BP s
()
=
V
BP s
()
V
IN s
()
------------------
R4
R3
-------
1
R1C1
---------------S
S
2
R7
R6
R7
+
--------------------- 1
R4
R5
-------
R4
R3
-------
++


1
R1C1
---------------

 S
R4
R5
-------


1
R1C1R2C2
------------------------------


++
-------------------------------------------------------------------------------------------------------------------------------------------------------
=
Defining 1/R1C1 as
ω1, 1/R2C2 as ω2, and substituting in
the assigned values for R4, R5, and R6, then the transfer
function simplifies to:
This is now in a convenient form to look at the center-
frequency
ω0 and filter Q.
and
The frequency responses for various values of Q are shown
in Figure 17.
V
BP s
()
V
IN s
()
------------------
10
4
R3
--------
ω
1s
S
2
1.1
10
4
R3
--------
+
1
10
5
R7
--------
+
----------------------
ω
1s
1
ω
1ω2
-------------
++
----------------------------------------------------------------------
=
ω
0
0.1
ω
1ω2
=
ω
0
10
9
0.1R1R2
=
Q
1
10
5
R7
--------
+
1.1
10
4
R3
--------
+
----------------------
ω
0
=
Figure 17. Bandpass Transfer Characteristics Normalized
for Unity Gain and Frequency
0
-10
-20
-30
-40
-50
-60
0.1
1.0
10
Q = 0.5
Q = 1.0
Q = 2.0
Q = 5.0
Q = 10
Q = 20
Q = 50
Q = 100
ω
ωo
ω
ωo
1
Q
V
V
=
1 -
+
2 2
2
ω
ωo
1
Q
ω
ωo
BP
IN


Similar Part No. - RC4156

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC4151 FAIRCHILD-RC4151 Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
RC4151HC FAIRCHILD-RC4151HC Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
logo
Texas Instruments
RC4151NB TI-RC4151NB Datasheet
778Kb / 20P
[Old version datasheet]   LM231A/LM231/LM331A/LM331 Precision Voltage-to-Frequency Converters
RC4151NB TI1-RC4151NB Datasheet
952Kb / 23P
[Old version datasheet]   Precision Voltage-to-Frequency Converters
logo
Fairchild Semiconductor
RC4151TC FAIRCHILD-RC4151TC Datasheet
310Kb / 6P
   VOLTAGE-TO-FREQUENCY CONVERTER
More results

Similar Description - RC4156

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS404 STMICROELECTRONICS-LS404 Datasheet
209Kb / 12P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIERS
December 1997
logo
E-CMOS Corporation
EC5614 E-CMOS-EC5614 Datasheet
596Kb / 9P
   High Performance Rail-to-Rail Quad Operational Amplifiers
logo
Motorola, Inc
MC1748 MOTOROLA-MC1748 Datasheet
842Kb / 4P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI-LM107 Datasheet
54Kb / 4P
[Old version datasheet]   HIGH-PERFORMANCE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A Datasheet
287Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
1996 REV 0
MC33282 ONSEMI-MC33282 Datasheet
248Kb / 12P
   HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
REV 0
logo
E-CMOS Corporation
EC5604 E-CMOS-EC5604 Datasheet
7Mb / 10P
   18V High Performance Rail-to-Rail Quad Operational Amplifiers
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
Analog Devices
AD542 AD-AD542 Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_10 Datasheet
164Kb / 7P
   High-Performance Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com