Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC238370682 Datasheet(PDF) 20 Page - Vishay Siliconix

Part # BFC238370682
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC238370682 Datasheet(HTML) 20 Page - Vishay Siliconix

Back Button BFC238370682 Datasheet HTML 16Page - Vishay Siliconix BFC238370682 Datasheet HTML 17Page - Vishay Siliconix BFC238370682 Datasheet HTML 18Page - Vishay Siliconix BFC238370682 Datasheet HTML 19Page - Vishay Siliconix BFC238370682 Datasheet HTML 20Page - Vishay Siliconix BFC238370682 Datasheet HTML 21Page - Vishay Siliconix BFC238370682 Datasheet HTML 22Page - Vishay Siliconix BFC238370682 Datasheet HTML 23Page - Vishay Siliconix BFC238370682 Datasheet HTML 24Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MMKP 383
Vishay BCcomponents AC and Pulse Double Metallized Polypropylene
Film Capacitors MMKP Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28124
206
Revision: 19-Mar-13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Not Recommended for New Design, Use New MMKP383
HEAT CONDUCTIVITY (G) AS A FUNCTION OF (ORIGINAL) PITCH AND CAPACITOR BODY THICKNESS IN mW/°C
Tangent of loss angle as a function of frequency (typical curve)
250 V
400 V
630 V
1000 V
C
0.091 µF, curve 8
C
0.047 µF, curve 5
C
0.033 µF, curve 4
C
0.01 µF, curve 2
C
0.015 µF, curve 9
C
0.068 µF, curve 6
C
0.068 µF, curve 5
C
0.027 µF, curve 3
C
0.022 µF, curve 10
C
0.1 µF, curve 7
C
0.1 µF, curve 6
C
0.047 µF, curve 4
C
0.027 µF, curve 11
C
0.2 µF, curve8
C
0.15 µF, curve 7
C
0.062 µF, curve 5
C
0.033 µF, curve 12
C
0.24 µF, curve 12
C
0.22 µF, curve 11
C
0.075 µF, curve 6
C
0.056 µF, curve 15
C
0.36 µF, curve 13
C
0.27 µF, curve 12
C
0.1 µF, curve 7
C
0.082 µF, curve 16
C
0.43 µF, curve 14
C
0.47 µF, curve 15
C
0.15 µF, curve 8
C
1.2 µF, curve 18
C
56 µF, curve 16
C
0.68 µF, curve 16
C
0.22 µF, curve 9
C
1.61 µF, curve 19
C
1.1 µF, curve 17
C
0.3 µF, curve 10
C
2.21 µF, curve 20
C
0.39 µF, curve 11
C
0.47 µF, curve 12
140 V
1600 V
2000 V
2500 V
C
0.0047 µF, curve 1
C
0.0047 µF, curve 3
C
0.0047 µF, curve 2
C
0.0047 µF, curve 1
C
0.016 µF, curve 2
C
0.0091 µF, curve 4
C
0.033 µF, curve 3
C
0.015 µF, curve 2
C
0.033 µF, curve 3
C
0.068 µF, curve 5
C
0.1 µF, curve 4
C
0.056 µF, curve 3
C
0.051 µF, curve 4
C
0.01 µF, curve 6
C
0.068 µF, curve 5
C
0.15 µF, curve 7
C
0.082 µF, curve 6
C
0.1 µF, curve 7
Wmax.
(mm)
HEAT CONDUCTIVITY (mW/°C)
PITCH 15 mm
PITCH 22.5 mm
PITCH 27.5 mm
4.0
-
-
-
5.0
10
-
-
6.0
11
19
-
7.0
12
21
-
8.5
16
25
-
10.0
18
28
-
11.0
-
-
36
13.0
-
-
42
15.0
-
-
48
18.0
-
-
57
10
3
10
2
10
0
10
1
(Hz)
10
3
10
2
10
4
10
5
10
6
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1


Similar Part No. - BFC238370682

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC238330224 VISHAY-BFC238330224 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 19-Mar-13
More results

Similar Description - BFC238370682

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
BFC238330224 VISHAY-BFC238330224 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 19-Mar-13
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
MMKP383 VISHAY-MMKP383 Datasheet
202Kb / 19P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 28-Feb-05
MMKP383 VISHAY-MMKP383_08 Datasheet
218Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 05-Nov-08
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MMKP483 VISHAY-MMKP483 Datasheet
216Kb / 21P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
01-Sep-03
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Dec-15
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com