Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC238370682 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # BFC238370682
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC238370682 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button BFC238370682 Datasheet HTML 7Page - Vishay Siliconix BFC238370682 Datasheet HTML 8Page - Vishay Siliconix BFC238370682 Datasheet HTML 9Page - Vishay Siliconix BFC238370682 Datasheet HTML 10Page - Vishay Siliconix BFC238370682 Datasheet HTML 11Page - Vishay Siliconix BFC238370682 Datasheet HTML 12Page - Vishay Siliconix BFC238370682 Datasheet HTML 13Page - Vishay Siliconix BFC238370682 Datasheet HTML 14Page - Vishay Siliconix BFC238370682 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Document Number: 28124
For technical questions, contact: dc-film@vishay.com
www.vishay.com
Revision: 19-Mar-13
197
MMKP 383
AC and Pulse Double Metallized Polypropylene
Film Capacitors MMKP Radial Potted Type
Vishay BCcomponents
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Not Recommended for New Design, Use New MMKP383
Notes
(1) Net weight for short lead products only
• SPQ = Standard Packaging Quantity
SPECIFIC REFERENCE DATA (2000 Vdc)
URdc = 1600 V; URac = 550 V; Up-p = 1600 V; C-tol. = ± 5 %
C
(µF)
DIMENSIONS
w x h (h’) x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 383 XXYYY AND PACKAGING
LOOSE IN BOX
REEL
C-VALUE
Leads
3.5 ± 0.3
Leads
25.0 ± 2.0
Original pitch
Pitch = 7.5 mm (bent back)
..YYY
Ø 500 mm
Ø 356 mm
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
Pitch = 27.5 ± 0.4 mm; dt= 0.80 mm ± 0.08 mm
Pitch = 27.5 mm
0.043
11.0 x 21.0 x 31.0
8
50…
(100)
54…
(125)
-
433
0.047
473
0.051
513
0.056
563
0.062
13.0 x 23.0 x 31.0
9.7
50…
(100)
54…
(125)
623
0.068
683
0.075
753
0.082
15.0 x 25.0 x 31.0
12.6
50…
(100)
54…
(125)
823
0.091
913
0.1
104
0.11
18.0 x 28.0 x 31.0
16.3
50…
(100)
54…
(100)
114
0.12
124
0.13
134
0.15
154
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
C
 0.01 µF
5 x 10-4
15 x 10-4
0.01 µF
 C  0.1 µF
 10 x 10-4
18 x 10-4
Rated voltage pulse slope (dU/dt)R:
C
 0.0036 µF
11 000 V/µs
0.0036 µF
 C  0.01 µF
20 000 V/µs
0.01 µF
 C  0.024 µF
4400 V/µs
0.024 µF
 C  0.068 µF
2500 V/µs
0.068 µF
 C  0.1 µF
1800 V/µs
R between leads, for C
 1 µF at 500 V, 1 min
100 000 M
R between leads and case, 500 V, 1 min
30 000 M
Ionization (AC) voltage (typical value) at 20 pC peak discharge
 750 V
Withstanding (DC) voltage (cut off current 10 mA), rise time 100 V/s
3200 V, 1 min
Withstanding (DC) voltage between leads and case
2840 V, 1 min
Maximum application temperature
105 °C


Similar Part No. - BFC238370682

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC238330224 VISHAY-BFC238330224 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 19-Mar-13
More results

Similar Description - BFC238370682

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
BFC238330224 VISHAY-BFC238330224 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 19-Mar-13
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
MMKP383 VISHAY-MMKP383 Datasheet
202Kb / 19P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 28-Feb-05
MMKP383 VISHAY-MMKP383_08 Datasheet
218Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 05-Nov-08
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MMKP483 VISHAY-MMKP483 Datasheet
216Kb / 21P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
01-Sep-03
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Dec-15
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com