Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC238370682 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # BFC238370682
Description  AC and Pulse Double Metallized Polypropylene Film Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC238370682 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button BFC238370682 Datasheet HTML 2Page - Vishay Siliconix BFC238370682 Datasheet HTML 3Page - Vishay Siliconix BFC238370682 Datasheet HTML 4Page - Vishay Siliconix BFC238370682 Datasheet HTML 5Page - Vishay Siliconix BFC238370682 Datasheet HTML 6Page - Vishay Siliconix BFC238370682 Datasheet HTML 7Page - Vishay Siliconix BFC238370682 Datasheet HTML 8Page - Vishay Siliconix BFC238370682 Datasheet HTML 9Page - Vishay Siliconix BFC238370682 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MMKP 383
Vishay BCcomponents AC and Pulse Double Metallized Polypropylene
Film Capacitors MMKP Radial Potted Type
www.vishay.com
For technical questions, contact: dc-film@vishay.com
Document Number: 28124
192
Revision: 19-Mar-13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Not Recommended for New Design, Use New MMKP383
URdc = 630 V; URac = 220 V; Up-p = 630 V; C-tol. = ± 5 %
Notes
(1) Net weight for short lead products only
• SPQ = Standard Packaging Quantity
C
(µF)
DIMENSIONS
w x h (h’) x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 383 XXYYY AND PACKAGING
LOOSE IN BOX
REEL
C-VALUE
Leads
3.5 ± 0.3 mm
Leads
25.0 ± 2.0 mm
Original pitch
Pitch = 7.5 mm (bent back)
..YYY
Ø 500 mm
Ø 356 mm
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
XX
(SPQ)
Pitch = 15 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
Pitch = 15 mm
Pitch = 7.5 mm (bent back)
0.03
5.0 x 11.0 (13.0) x 17.5
1.1
20…
(1250)
24…
(1000)
22…
(2200)
23…
(950)
25…
(550)
303
0.033
333
0.036
363
0.039
6.0 x 12.0 (14.0) x 17.5
1.4
20…
(1000)
24…
(1000)
22…
(900)
23…
(800)
25…
(450)
393
0.043
433
0.047
473
0.051
513
0.056
563
0.062
7.0 x 13.5 (15.5) x 17.5
1.8
20…
(750)
24…
(500)
22…
(800)
23…
(700)
25…
(400)
623
0.068
683
0.075
753
0.082
8.5 x 15.0 (17.0) x 17.5
2.5
20…
(750)
24…
(500)
22…
(650)
23…
(550)
25…
(300)
823
0.091
913
0.1
104
0.11
114
0.12
10.0 x 16.5 (18.5) x 17.5
3.3
20…
(500)
24…
(450)
22…
(600)
23…
(500)
25…
(250)
124
0.13
134
0.15
154
Pitch = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
Pitch = 22.5 mm
0.16
8.5 x 18.0 x 26.0
4.2
20…
(200)
24…
(250)
22…
(450)
--
164
0.18
184
0.2
204
0.22
224
0.24
10.0 x 19.5 x 26.0
5.3
20…
(200)
24…
(200)
22…
(350)
--
174
0.27
304
0.3
Pitch = 27.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm
Pitch = 27.5 mm
0.33
11.0 x 21.0 x 31.0
8.0
20…
(750)
24…
(125)
-
334
0.36
364
0.39
394
0.43
434
0.47
13.0 x 23.0 x 31.0
9.7
20…
(500)
24…
(125)
474
0.51
514
0.56
564
0.62
15.0 x 25.0 x 31.0
12.6
20…
(100)
24…
(125)
624
0.68
684
0.75
754
0.82
18.0 x 28.0 x 31.0
16.3
20…
(100)
24…
(100)
824
0.91
914
1.0
105


Similar Part No. - BFC238370682

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC238330224 VISHAY-BFC238330224 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 19-Mar-13
More results

Similar Description - BFC238370682

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
BFC238330224 VISHAY-BFC238330224 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 19-Mar-13
MMKP383 VISHAY-MMKP383_15 Datasheet
167Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 15-Jan-15
MMKP383 VISHAY-MMKP383 Datasheet
202Kb / 19P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 28-Feb-05
MMKP383 VISHAY-MMKP383_08 Datasheet
218Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Potted Type
Revision: 05-Nov-08
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MMKP483 VISHAY-MMKP483 Datasheet
216Kb / 21P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
01-Sep-03
MKP1839HQ VISHAY-MKP1839HQ Datasheet
126Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Apr-10
MKP1839HQ VISHAY-MKP1839HQ_12 Datasheet
133Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 21-Dec-15
MKP1839 VISHAY-MKP1839_08 Datasheet
126Kb / 11P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Axial Type
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com