Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BF966SA Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. BF966SA
Description  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF966SA Datasheet(HTML) 5 Page - Vishay Siliconix

  BF966SA Datasheet HTML 1Page - Vishay Siliconix BF966SA Datasheet HTML 2Page - Vishay Siliconix BF966SA Datasheet HTML 3Page - Vishay Siliconix BF966SA Datasheet HTML 4Page - Vishay Siliconix BF966SA Datasheet HTML 5Page - Vishay Siliconix BF966SA Datasheet HTML 6Page - Vishay Siliconix BF966SA Datasheet HTML 7Page - Vishay Siliconix BF966SA Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BF966S
Document Number 85004
Rev. 1.5, 15-Apr-05
Vishay Semiconductors
www.vishay.com
5
VDS = 15 V, ID = 5 to 20 mA, VG2S = 4 V, Z0 = 50 Ω
S11
S21
S12
S22
Figure 14. Input Reflection Coefficient
Figure 15. Forward Transmission Coefficient
12924
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
ı
0.2
0.5
1
2
5
1300 MHz
400
700
1000
100
12926
90°
180°
–90 °
0.8
1.6
–150 °
–120°
–60°
–30
120 °
150 °
60 °
30 °
1300 MHz
400
700
1000
100
°
I = 20 mA
D
I = 10 mA
D
I =5mA
D
Figure 16. Reverse Transmission Coefficient
Figure 17. Output Reflection Coefficient
12925
90 °
180 °
–90 °
0.008 0.016
–150 °
–120 °
–60 °
–30 °
120 °
150 °
60 °
30 °
1300 MHz
400
100
1000
I = 20 mA
D
I = 10 mA
D
I =5mA
D
12927
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
ı
0.2
0.5
1
2
5
1300 MHz
700
100


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn