Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

593D107X9010D8T Datasheet(PDF) 11 Page - Vishay Siliconix

Part # 593D107X9010D8T
Description  Solid Tantalum Surface Mount Chip Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D107X9010D8T Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button 593D107X9010D8T Datasheet HTML 7Page - Vishay Siliconix 593D107X9010D8T Datasheet HTML 8Page - Vishay Siliconix 593D107X9010D8T Datasheet HTML 9Page - Vishay Siliconix 593D107X9010D8T Datasheet HTML 10Page - Vishay Siliconix 593D107X9010D8T Datasheet HTML 11Page - Vishay Siliconix 593D107X9010D8T Datasheet HTML 12Page - Vishay Siliconix 593D107X9010D8T Datasheet HTML 13Page - Vishay Siliconix 593D107X9010D8T Datasheet HTML 14Page - Vishay Siliconix 593D107X9010D8T Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Molded Guide
www.vishay.com
Vishay Sprague
Revision: 27-Jun-12
32
Document Number: 40074
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HIGH RELIABILITY PRODUCTS
SOLID TANTALUM CAPACITORS - MOLDED CASE
SERIES
T83
T86
CWR11
04053
95158
PRODUCT IMAGE
TYPE
TANTAMOUNT®, molded case,
Hi-Rel. COTS
TANTAMOUNT®, molded case,
DLA approved
FEATURES
High reliability,
standard and
low ESR
High reliability,
built-in fuse,
standard and
low ESR
MIL-PRF-55365/8
qualified
Built-in fuse
Low ESR
TEMPERATURE
RANGE
- 55 °C to + 125 °C
CAPACITANCE
RANGE
0.1 μF to 470 μF 0.47 μF to 330 μF
0.1 μF to 100 μF
0.47 μF to 470 μF
4.7 μF to 220 μF
VOLTAGE RANGE
4 V to 63 V
4 V to 50 V
CAPACITANCE
TOLERANCE
± 10 %, ± 20 %
± 5 %, ± 10 %,
± 20 %
± 20 %
± 10 %, ± 20 %
LEAKAGE CURRENT
0.01 CV or 0.5 μA, whichever is greater
DISSIPATION FACTOR
4 % to 15 %
6 % to 16 %
4 % to 6 %
4 % to 8 %
4 % to 12 %
CASE CODES
A, B, C, D, E
C, D, E
A, B, C, D
C, D, E
C, D, E
TERMINATION
100 % matte tin; tin/lead;
tin/lead solder fused
Tin/lead;
tin/lead solder fused
Tin/lead
solder plated
Tin/lead
solder plated;
gold plated


Similar Part No. - 593D107X9010D8T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D107X9010D8T VISHAY-593D107X9010D8T Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
593D107X9010D8T VISHAY-593D107X9010D8T Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
593D107X9010D8T VISHAY-593D107X9010D8T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
593D107X9010D8T VISHAY-593D107X9010D8T Datasheet
565Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 02-Nov-17
More results

Similar Description - 593D107X9010D8T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D475X9050D2T VISHAY-593D475X9050D2T Datasheet
398Kb / 19P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TP3 VISHAY-TP3_17 Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D106X9020B2TE3 VISHAY-293D106X9020B2TE3 Datasheet
421Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D106X0016B2TE3 VISHAY-293D106X0016B2TE3 Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
TM3 VISHAY-TM3_17 Datasheet
546Kb / 16P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
293D475X9020B2TE3 VISHAY-293D475X9020B2TE3 Datasheet
130Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 21-Mar-13
293D VISHAY-293D Datasheet
401Kb / 22P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 04-Jul-13
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Cornell Dubilier Electr...
T491 CDE-T491 Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com