Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RC1584 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. RC1584
Description  7A Adjustable/Fixed Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

RC1584 Datasheet(HTML) 2 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RC1584
PRODUCT SPECIFICATION
2
REV. 1.0.5 7/13/00
Pin Assignments
Absolute Maximum Ratings
Parameter
Min.
Max.
Unit
VIN
7V
Operating Junction Temperature Range
0
125
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10 sec.)
300
°C
ADJ
*
θJA can vary from 20°C/W to >40°C/W with various mounting techniques.
OUT
FRONT VIEW
3-Lead Plastic TO-220
θJC = 3°C/W
IN
ADJ OUT
FRONT VIEW
3-Lead Plastic TO-263
θJC = 3°C/W*
IN
12
3
12
3
GND OUT
FRONT VIEW
IN
12
3
GND OUT
FRONT VIEW
RC1584M
RC1584M-1.5
RC1584T-1.5
RC1584T
IN
12
3
ADJ
FRONT VIEW
3-Lead Plastic TO-263 Center Cut
θJC = 3°C/W*
IN
Tab is Out.
12
3
GND
FRONT VIEW
RC1584MC
RC1584MC-1.5
IN
12
3
65-1584-02


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn