Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RC1584 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. RC1584
Description  7A Adjustable/Fixed Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

RC1584 Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PRODUCT SPECIFICATION
RC1584
REV. 1.0.5 7/13/00
5
Typical Performance Characteristics (continued)
Figure 7. Short-Circuit Current vs. Temperature
Figure 8. Ripple Rejection vs. Frequency
Figure 9. Maximum Power Dissipation
FREQUENCY (Hz)
10
100
1K
10K
100K
90
80
70
60
50
40
30
20
10
0
(VIN – VOUT) ≤ 3V
0.5V
≤ VRIPPLE ≤ 2V
IOUT = 7A
JUNCTION TEMPERATURE (
°C)
-75 -50 -25
0
25
50
75 100 125 150 175
10
9
8
7
6
CASE TEMPERATURE (
°C)
50
60
70
80
90 100 110 120 130 140 150
20
15
10
5
0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn