Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0431A Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # RC0431A
Description  Low-Voltage Adjustable Precision Shunt Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC0431A Datasheet(HTML) 5 Page - Fairchild Semiconductor

  RC0431A Datasheet HTML 1Page - Fairchild Semiconductor RC0431A Datasheet HTML 2Page - Fairchild Semiconductor RC0431A Datasheet HTML 3Page - Fairchild Semiconductor RC0431A Datasheet HTML 4Page - Fairchild Semiconductor RC0431A Datasheet HTML 5Page - Fairchild Semiconductor RC0431A Datasheet HTML 6Page - Fairchild Semiconductor RC0431A Datasheet HTML 7Page - Fairchild Semiconductor RC0431A Datasheet HTML 8Page - Fairchild Semiconductor RC0431A Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PRODUCT SPECIFICATION
RC0431A (RC431A)
REV. 1.0.7 8/5/03
5
Figure 8. Off-State Cathode Current vs.
Figure 9. Ratio of Delta Reference Voltage
Junction Temperature
to Delta Cathode Voltage vs. Junction Temperature
Figure 10. Reference Impedance vs. Frequency
Figure 11. Test Circuit for Reference Impedance
40.0
30.0
20.0
10.0
0.0
–40
0
–20
20
40
60
80
100
Tj—Junction Temperature (
°C)
VKA = 6V, Vref = 0V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
–40
–20
0
20
40
60
80
100
Tj—Junction Temperature (
°C)
lk = 10 mA, Del VKA = Vref to 6V
100
10
1
0.1
0.01
10000
100000
f–Frequency (Hz)
1000000
10000000
1000
100
100
I
GND
OUTPUT
+
K


Similar Part No. - RC0431A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC0402 ETC1-RC0402 Datasheet
231Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
logo
Samsung semiconductor
RC0402 SAMSUNG-RC0402 Datasheet
4Mb / 20P
   Passive components sales offices
logo
TAITRON Components Inco...
RC0402 TAITRON-RC0402 Datasheet
535Kb / 7P
   Thick Film Chip Resistor General Purpose
logo
YAGEO Corporation
RC0402 YAGEO-RC0402 Datasheet
546Kb / 10P
   Chip Resistor Surface Mount
May. 11, 2022 V.4
RC0402 YAGEO-RC0402 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0431A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com