Electronic Components Datasheet Search |
|
C2012X5R1E106K Datasheet(PDF) 1 Page - Torex Semiconductor |
|
C2012X5R1E106K Datasheet(HTML) 1 Page - Torex Semiconductor |
1 / 21 page 1/21 XC9248 Series 18V Driver Transistor Built-In Synchronous Step-Down DC/DC Converter ■GENERAL DESCRIPTION The XC9248 series is 18V bootstrap synchronous step-down DC/DC converter with built-in Nch-Nch driver transistors. With an input voltage range from 4.5V to 18V and a maximum output current of 2.2A, the series is suitable for digital home appliance power supplies and can be used with small ceramic capacitors. The series has a 0.8V reference voltage, and using externally connected resistors, the output voltage can be set freely from 1.0V to 12V. The control method is synchronous PWM (Source/ Sink). The soft start time is internally set to 2.8ms (TYP.), also can be adjusted using external capacitor. With UVLO (Under Voltage Lock Out) function, the internal driver transistors are forced OFF when input voltage falls down below 3.8V (TYP.). The series includes over current protection, VOUT short-circuit protection, Lx short-circuit protection, VOUT overvoltage protection and thermal shutdown. ■APPLICATIONS ●Digital home appliance ●Office automation equipment ●Notebook computers ●Car accessories power supplies ■TYPICAL APPLICATION CIRCUIT ETR05022-004 ■FEATURES Input Voltage : 4.5V ~ 18V Output Voltage : 1.0V~12V (VFB=0.8V±1.5%) (*1) Output Current : 2.2A Efficiency : 93.8% (*1) @VIN=12V,VOUT=5V, IOUT=700mA Oscillation Frequency : 500kHz Maximum Duty Cycle : 79% Soft-Start Time : Fixed2.8ms, set by external capacitor Protection Circuit : UVLO High side over current protection Low side over current protection VOUT Short-circuit Protection LX Short-circuit Protection VOUT Over voltage protection Thermal shutdown Package : SOP-8FD Environmentally Friendly : EU RoHS Compliant, Pb Free (*1) Performance depends on external components and wiring on the PCB. Efficiency vs. Output Current ■TYPICAL PERFORMANCE CHARACTERISTICS L VOUT VIN EN CSS CIN CBST CVL CL CFB RFB1 RFB2 VIN EN SS FB LX GND BST VL Ta=25°C 0 10 20 30 40 50 60 70 80 90 100 0 500 1000 1500 2000 Output Current : IOUT [mA] VIN=12V , VOUT=3.3V VIN=12V , VOUT=5V |
Similar Part No. - C2012X5R1E106K |
|
Similar Description - C2012X5R1E106K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |