Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP4CE22 Datasheet(PDF) 2 Page - Altera Corporation

Part # EP4CE22
Description  Cyclone IV FPGA Device Family Overview
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE22 Datasheet(HTML) 2 Page - Altera Corporation

  EP4CE22 Datasheet HTML 1Page - Altera Corporation EP4CE22 Datasheet HTML 2Page - Altera Corporation EP4CE22 Datasheet HTML 3Page - Altera Corporation EP4CE22 Datasheet HTML 4Page - Altera Corporation EP4CE22 Datasheet HTML 5Page - Altera Corporation EP4CE22 Datasheet HTML 6Page - Altera Corporation EP4CE22 Datasheet HTML 7Page - Altera Corporation EP4CE22 Datasheet HTML 8Page - Altera Corporation EP4CE22 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1–2
Chapter 1: Cyclone IV FPGA Device Family Overview
Cyclone IV Device Family Features
Cyclone IV Device Handbook,
November 2011
Altera Corporation
Volume 1
Cyclone IV GX devices offer up to eight high-speed transceivers that provide:
Data rates up to 3.125 Gbps
8B/10B encoder/decoder
8-bit or 10-bit physical media attachment (PMA) to physical coding sublayer
(PCS) interface
Byte serializer/deserializer (SERDES)
Word aligner
Rate matching FIFO
TX bit slipper for Common Public Radio Interface (CPRI)
Electrical idle
Dynamic channel reconfiguration allowing you to change data rates and
protocols on-the-fly
Static equalization and pre-emphasis for superior signal integrity
150 mW per channel power consumption
Flexible clocking structure to support multiple protocols in a single transceiver
block
Cyclone IV GX devices offer dedicated hard IP for PCI Express (PIPE) (PCIe)
Gen 1:
×1, ×2, and ×4 lane configurations
End-point and root-port configurations
Up to 256-byte payload
One virtual channel
2 KB retry buffer
4 KB receiver (Rx) buffer
Cyclone IV GX devices offer a wide range of protocol support:
PCIe (PIPE) Gen 1 ×1, ×2, and ×4 (2.5 Gbps)
Gigabit Ethernet (1.25 Gbps)
CPRI (up to 3.072 Gbps)
XAUI (3.125 Gbps)
Triple rate serial digital interface (SDI) (up to 2.97 Gbps)
Serial RapidIO (3.125 Gbps)
Basic mode (up to 3.125 Gbps)
V-by-One (up to 3.0 Gbps)
DisplayPort (2.7 Gbps)
Serial Advanced Technology Attachment (SATA) (up to 3.0 Gbps)
OBSAI (up to 3.072 Gbps)


Similar Part No. - EP4CE22

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE22 ALTERA-EP4CE22 Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
EP4CE22 ALTERA-EP4CE22 Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE22 ALTERA-EP4CE22 Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE22 ALTERA-EP4CE22 Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE22 ALTERA-EP4CE22 Datasheet
16Mb / 488P
   Cyclone IV Device Handbook, Volume 1
More results

Similar Description - EP4CE22

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP4CE10E22C8N ALTERA-EP4CE10E22C8N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22I7N ALTERA-EP4CE6E22I7N Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE6E22C8 ALTERA-EP4CE6E22C8 Datasheet
498Kb / 14P
   Cyclone IV FPGA Device Family Overview
EP4CE10F17I7N ALTERA-EP4CE10F17I7N Datasheet
498Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CGX150CF23C8N ALTERA-EP4CGX150CF23C8N Datasheet
395Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE10U14I7N ALTERA-EP4CE10U14I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE6E22I7 ALTERA-EP4CE6E22I7 Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
EP4CE115F23C8N ALTERA-EP4CE115F23C8N Datasheet
383Kb / 14P
   Cyclone IV FPGA Device Faily Overview
EP4CE115F29I7N ALTERA-EP4CE115F29I7N Datasheet
372Kb / 14P
   Cyclone IV FPGA Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com