Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QVE00120 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # QVE00120
Description  OPTOLOGIC OPTICAL INTERRUPTER SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QVE00120 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  QVE00120 Datasheet HTML 1Page - Fairchild Semiconductor QVE00120 Datasheet HTML 2Page - Fairchild Semiconductor QVE00120 Datasheet HTML 3Page - Fairchild Semiconductor QVE00120 Datasheet HTML 4Page - Fairchild Semiconductor QVE00120 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4 of 5
100029B
QVE00120
OPTOLOGIC® OPTICAL
INTERRUPTER SWITCH
C2
R2
R1
1
C
.1 uf
bypass
5V
GND
Pulse
Generator
V = 5V
f = 10 KHz
d.c. = 50%
O
1
R = 270
!
!
R = 360
2
1
C = 15 pf
C = 20 pf
2
stray wire capacitance
C and C include probe and
12
Fig. 8 Switching Speed Test Circuit
PLH
r
t
PHL
t
50%
90%
10%
OH
V
OL
V
10%
90%
50%
Output
VO
t
f
t
0 mA
+
-
VIN
RIN
.1 uf
bypass
L
R
VCC
GND
O
V
Fig. 9 Typical Operating Circuit
Fig. 10 Switching Test Curve for Buffers
1.4 V
Input
Signal
ANODE (1)
CATHODE (2)
VCC (3)
GND (5)
VOUT (4)
VOLTAGE
REGULATOR
Fig. 11 Switching Test Curve for Inverters
LA


Similar Part No. - QVE00120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QVE00112 FAIRCHILD-QVE00112 Datasheet
91Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112 Datasheet
451Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112_04 Datasheet
451Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00118 FAIRCHILD-QVE00118 Datasheet
455Kb / 5P
   PHOTOTRANSITOR OPTICAL INTERRUPTER SWITCH
More results

Similar Description - QVE00120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22L FAIRCHILD-H22L_04 Datasheet
200Kb / 6P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
322Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB_04 Datasheet
148Kb / 9P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21LTB FAIRCHILD-H21LTB Datasheet
200Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H22L FAIRCHILD-H22L Datasheet
191Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112 Datasheet
91Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21L FAIRCHILD-H21L Datasheet
303Kb / 8P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
QVE00112 FAIRCHILD-QVE00112_04 Datasheet
451Kb / 5P
   OPTOLOGIC OPTICAL INTERRUPTER SWITCH
H21A4 FAIRCHILD-H21A4 Datasheet
101Kb / 4P
   PHOTOTRANSISTOR OPTICAL INTERRUPTER SWITCH
H22B1 FAIRCHILD-H22B1 Datasheet
361Kb / 6P
   PHOTODARLINGTON OPTICAL INTERRUPTER SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com