Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGSD12SR6012A Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FGSD12SR6012A
Description  3-14.4Vdc Input, 12A, 0.45-5.5Vdc Output
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FGSD12SR6012A Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FGSD12SR6012A Datasheet HTML 5Page - List of Unclassifed Manufacturers FGSD12SR6012A Datasheet HTML 6Page - List of Unclassifed Manufacturers FGSD12SR6012A Datasheet HTML 7Page - List of Unclassifed Manufacturers FGSD12SR6012A Datasheet HTML 8Page - List of Unclassifed Manufacturers FGSD12SR6012A Datasheet HTML 9Page - List of Unclassifed Manufacturers FGSD12SR6012A Datasheet HTML 10Page - List of Unclassifed Manufacturers FGSD12SR6012A Datasheet HTML 11Page - List of Unclassifed Manufacturers FGSD12SR6012A Datasheet HTML 12Page - List of Unclassifed Manufacturers FGSD12SR6012A Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
Page 9 of 41
Delivering Next Generation Technology
Series
FGSD12SR6012*A
3-14.4Vdc Input, 12A, 0.45-5.5Vdc Output
Http://www.fdk.com
Ver 1.7 May. 8, 2013
Preliminary Data Sheet
Analog Output Voltage Programming
The output voltage of the module is programmable to
any voltage from 0.6dc to 5.5Vdc by connecting a
resistor between the Trim and SIG_GND pins of the
module.
Certain restrictions apply on the output
voltage set point depending on the input voltage.
These are shown in the Output Voltage vs. Input
Voltage Set Point Area plot in Fig-5.
The Upper
Limit curve shows that for output voltages lower than
1V, the input voltage must be lower than the
maximum of 14.4V. The Lower Limit curve shows
that for output voltages higher than 0.6V, the input
voltage needs to be larger than the minimum of 3V.
Without an external resistor between Trim and
SIG_GND pins, the output of the module will be
0.6Vdc. To calculate the value of the trim resistor,
Rtrim
for a desired output voltage, should be as per
the following equation:
Rtrim is the external resistor in kohm
Vo-req is the desired output voltage
Note that the tolerance of a trim resistor will affect the
tolerance of the output voltage. Standard 1% or 0.5%
resistors may suffice for most applications; however,
a tighter tolerance can be obtained by using two
resistors in series instead of one standard value
resistor.
Table 1 provides RTRIM values required for some
common output voltages.
Table 1: Trim Resistor Value
VO-REG [V]
RTRIM [kΩ]
0.6
Open
0.9
40
1.0
30
1.2
20
1.5
13.33
1.8
10
2.5
6.316
3.3
4.444
5.0
2.727
Digital Output Voltage Adjustment
Please see the Digital Feature Descriptions section.
Remote Sense
The power module has a Remote Sense feature to
minimize the effects of distribution losses by
regulating the voltage between the sense pins (VS+
and VS-). The voltage drop between the sense pins
and the VOUT and GND pins of the module should
not exceed 0.5V.
Analog Voltage Margining
Output voltage margining can be implemented in the
module by connecting a resistor, Rmargin-up, from
the Trim pin to the ground pin for margining-up the
output voltage and by connecting a resistor,
Rmargin-down, from the Trim pin to output pin for
margining-down. Fig-7 shows the circuit configuration
for output voltage margining. The POL Programming
Tool, available at www.fdk.com under the Downloads
section, also calculates the values of Rmargin-up and
]
k
[
0.6)
-
(V
12
R
REQ
-
O
TRIM
Ω
Fig-5: Output Voltage vs. Input Voltage Set
Point Area plot showing limits where the output
voltage can be set for different input voltages.
Fig-6: Output Voltage vs. Input Voltage Set
Point Area plot showing limits where the output
voltage can be set for different input voltages.
Caution – Do not connect SIG_GND to
GND elsewhere in the layout.


Similar Part No. - FGSD12SR6012A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FGSD12SR6003A ETC2-FGSD12SR6003A Datasheet
907Kb / 41P
   3-14.4Vdc Input, 3A, 0.45-5.5Vdc Output
FGSD12SR6006A ETC2-FGSD12SR6006A Datasheet
921Kb / 41P
   3-14.4Vdc Input, 6A, 0.45-5.5Vdc Output
More results

Similar Description - FGSD12SR6012A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FGSD12SR6003A ETC2-FGSD12SR6003A Datasheet
907Kb / 41P
   3-14.4Vdc Input, 3A, 0.45-5.5Vdc Output
FGMD12SR6020A ETC2-FGMD12SR6020A Datasheet
794Kb / 40P
   3-14.4Vdc Input, 20A, 0.45-5.5Vdc Output
FGSD12SR6006A ETC2-FGSD12SR6006A Datasheet
921Kb / 41P
   3-14.4Vdc Input, 6A, 0.45-5.5Vdc Output
FGMS12SR6020A ETC2-FGMS12SR6020A Datasheet
769Kb / 23P
   3-14.4Vdc Input, 20A, 0.6-5.5Vdc Output
FGSR12SR6003A ETC2-FGSR12SR6003A Datasheet
883Kb / 23P
   3-14.4Vdc Input, 3A, 0.6-5.5Vdc Output
FGLD12SR6040A ETC2-FGLD12SR6040A Datasheet
1Mb / 38P
   4.5-14.4Vdc Input, 40A, 0.45-2.0Vdc Output
logo
Lineage Power Corporati...
APTS012A0X3-SRZ LINEAGEPOWER-APTS012A0X3-SRZ Datasheet
880Kb / 26P
   4.5 - 14Vdc input; 0.69Vdc to 5.5Vdc output; 12A output current
APTH012A0X3-SRZ LINEAGEPOWER-APTH012A0X3-SRZ Datasheet
643Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 12A output current
AXH005A0XZ LINEAGEPOWER-AXH005A0XZ Datasheet
486Kb / 19P
   3 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 5A output current
logo
List of Unclassifed Man...
FGLS12SR6040A ETC2-FGLS12SR6040A Datasheet
1,006Kb / 21P
   4.5-14.4Vdc Input, 40A, 0.6-2.0Vdc Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com