Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2951-N Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951-N
Description  LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2951-N Datasheet(HTML) 4 Page - Texas Instruments

  LP2951-N Datasheet HTML 1Page - Texas Instruments LP2951-N Datasheet HTML 2Page - Texas Instruments LP2951-N Datasheet HTML 3Page - Texas Instruments LP2951-N Datasheet HTML 4Page - Texas Instruments LP2951-N Datasheet HTML 5Page - Texas Instruments LP2951-N Datasheet HTML 6Page - Texas Instruments LP2951-N Datasheet HTML 7Page - Texas Instruments LP2951-N Datasheet HTML 8Page - Texas Instruments LP2951-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
LP2950-N, LP2951-N
SNVS764N – JANUARY 2000 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1)
LP2950AC-XX
LP2950C-XX
LP2951
LP2951AC-XX
LP2951C-XX
Parameter
Conditions(1)
Units
Typ
Tested
Typ
Tested
Design Typ
Tested
Design
Limit(2)(3)
Limit(2)
Limit(4)
Limit(2)
Limit(4)
3V Versions(5)
Output Voltage
TJ = 25°C
3.0
3.015
3.0
3.015
3.0
3.030
V max
2.985
2.985
2.970
V min
−25°C ≤ TJ ≤ 85°C
3.0
3.0
3.030
3.0
3.045
V max
2.970
2.955
V min
Full Operating Temperature
3.0
3.036
3.0
3.036
3.0
3.060
V max
Range
2.964
2.964
2.940
V min
Output Voltage
100
μA ≤ IL ≤ 100 mA
3.0
3.045
3.0
3.042
3.0
3.072
V max
TJ ≤ TJMAX
2.955
2.958
2.928
V min
3.3V Versions(5)
Output Voltage
TJ = 25°C
3.3
3.317
3.3
3.317
3.3
3.333
V max
3.284
3.284
3.267
V min
−25°C ≤ TJ ≤ 85°C
3.3
3.3
3.333
3.3
3.350
V max
3.267
3.251
V min
Full Operating Temperature
3.3
3.340
3.3
3.340
3.3
3.366
V max
Range
3.260
3.260
3.234
V min
Output Voltage
100
μA ≤ IL ≤ 100 mA
3.3
3.350
3.3
3.346
3.3
3.379
V max
TJ ≤ TJMAX
3.251
3.254
3.221
V min
5V Versions(5)
Output Voltage
TJ = 25°C
5.0
5.025
5.0
5.025
5.0
5.05
V max
4.975
4.975
4.95
V min
−25°C ≤ TJ ≤ 85°C
5.0
5.0
5.05
5.0
5.075
V max
4.95
4.925
V min
Full Operating Temperature
5.0
5.06
5.0
5.06
5.0
5.1
V max
Range
4.94
4.94
4.9
V min
Output Voltage
100
μA ≤ IL ≤ 100 mA
5.0
5.075
5.0
5.075
5.0
5.12
V max
TJ ≤ TJMAX
4.925
4.925
4.88
V min
All Voltage Options
Output Voltage
See(6)
20
120
20
100
50
150
ppm/°C
Temperature
Coefficient
Line Regulation(7)
(VONOM + 1)V ≤ Vin
0.03
0.1
0.03
0.1
0.04
0.2
% max
30V(8)
0.5
0.2
0.4
% max
(1)
Unless otherwise noted, all limits specified for VIN = (VONOM + 1)V, IL = 100 μA and CL = 1μF for 5V versions and 2.2 μF for 3V and
3.3V versions. Limits appearing in boldface type apply over the entire junction temperature range for operation. Limits appearing in
normal type apply for TA = TJ = 25°C. Additional conditions for the 8-pin versions are FEEDBACK tied to VTAP, OUTPUT tied to SENSE,
and VSHUTDOWN ≤ 0.8V.
(2)
Ensured and 100% production tested.
(3)
A Military RETS specification is available on request. At time of printing, the LP2951-N RETS specification complied with the boldface
limits in this column. The LP2951-N LMC, NAC, or NAB may also be procured as Standard Military Drawing Spec #5962-3870501MGA,
MXA, or MPA.
(4)
Ensured but not 100% production tested. These limits are not used to calculate outgoing AQL levels.
(5)
All LP2950 devices have the nominal output voltage coded as the last two digits of the part number. In the LP2951 products, the 3.0V
and 3.3V versions are designated by the last two digits, but the 5V version is denoted with no code at this location of the part number
(refer to ordering information table).
(6)
Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
(7)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
(8)
Line regulation for the LP2951-N is tested at 150°C for IL = 1mA. For IL = 100 μA and TJ = 125°C, line regulation is specified by design
to 0.2%. See TYPICAL PERFORMANCE CHARACTERISTICS for line regulation versus temperature and load current.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LP2950-N LP2951-N


Similar Part No. - LP2951-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2951-N TI-LP2951-N_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2951-N_15 TI-LP2951-N_15_15 Datasheet
1Mb / 50P
[Old version datasheet]   LP295x-N Series of Adjustable Micropower Voltage Regulators
More results

Similar Description - LP2951-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2950ACZ-3.0/NOPB TI1-LP2950ACZ-3.0/NOPB Datasheet
1Mb / 43P
[Old version datasheet]   LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
LP2950-N TI-LP2950-N_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2951-N_15 TI-LP2951-N_15_15 Datasheet
1Mb / 50P
[Old version datasheet]   LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2951-N TI-LP2951-N_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2951-50-Q1 TI-LP2951-50-Q1_15 Datasheet
3Mb / 30P
[Old version datasheet]   LP2951-xx-Q1 Adjustable Micropower Voltage Regulators With Shutdown
logo
National Semiconductor ...
LP2950 NSC-LP2950 Datasheet
1Mb / 26P
   Series of Adjustable Micropower Voltage Regulators
logo
Texas Instruments
LP2951 TI1-LP2951 Datasheet
657Kb / 30P
[Old version datasheet]   Series of Adjustable Micropower Voltage Regulators
LP2951JAN TI-LP2951JAN_15 Datasheet
811Kb / 25P
[Old version datasheet]   Series of Adjustable Micropower Voltage Regulators
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
[Old version datasheet]   Adjustable Micropower Voltage Regulators
logo
National Semiconductor ...
LP4950C-5V NSC-LP4950C-5V_05 Datasheet
850Kb / 14P
   Adjustable Micropower Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com