Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-53117 Datasheet(PDF) 11 Page - Texas Instruments

Part # PE-53117
Description  LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PE-53117 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PE-53117 Datasheet HTML 7Page - Texas Instruments PE-53117 Datasheet HTML 8Page - Texas Instruments PE-53117 Datasheet HTML 9Page - Texas Instruments PE-53117 Datasheet HTML 10Page - Texas Instruments PE-53117 Datasheet HTML 11Page - Texas Instruments PE-53117 Datasheet HTML 12Page - Texas Instruments PE-53117 Datasheet HTML 13Page - Texas Instruments PE-53117 Datasheet HTML 14Page - Texas Instruments PE-53117 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
LM2576, LM2576HV
www.ti.com
SNVS107C – JUNE 1999 – REVISED APRIL 2013
TEST CIRCUIT AND LAYOUT GUIDELINES
As in any switching regulator, layout is very important. Rapidly switching currents associated with wiring
inductance generate voltage transients which can cause problems. For minimal inductance and ground loops, the
length of the leads indicated by heavy lines should be kept as short as possible. Single-point grounding (as
indicated) or ground plane construction should be used for best results. When using the Adjustable version,
physically locate the programming resistors near the regulator, to keep the sensitive feedback wiring short.
CIN — 100 μF, 75V, Aluminum Electrolytic
COUT — 1000 μF, 25V, Aluminum Electrolytic
D1 — Schottky, MBR360
L1 — 100 μH, Pulse Eng. PE-92108
R1 — 2k, 0.1%
R2 — 6.12k, 0.1%
Figure 21. Fixed Output Voltage Versions
where
VREF = 1.23V, R1 between 1k and 5k
Figure 22. Adjustable Output Voltage Version
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2576 LM2576HV


Similar Part No. - PE-53117

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PE-53117 TI-PE-53117 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
PE-53117 TI-PE-53117 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Pulse A Technitrol Comp...
PE-53117 PULSE-PE-53117 Datasheet
373Kb / 2P
   inductors designed for national?셲 50 kHz simple switcher
PE-53117 PULSE-PE-53117 Datasheet
630Kb / 2P
   Inductors Designed for Nationals 50 kHz Simple Switcher
PE-53117 PULSE-PE-53117 Datasheet
630Kb / 2P
   Inductors Designed for Nationals 50 kHz Simple Switcher
More results

Similar Description - PE-53117

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2576 TI-LM2576_15 Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576HV TI1-LM2576HV Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576T-ADJ TI1-LM2576T-ADJ Datasheet
3Mb / 37P
[Old version datasheet]   LM2576/LM2576HV Series SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM5576Q0 TI1-LM5576Q0 Datasheet
972Kb / 27P
[Old version datasheet]   LM5576Q0 SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com