Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHUV-0410 Datasheet(PDF) 10 Page - Lumileds Lighting Company

Part # LHUV-0410
Description  LUXEON UV
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LHUV-0410 Datasheet(HTML) 10 Page - Lumileds Lighting Company

Back Button LHUV-0410 Datasheet HTML 6Page - Lumileds Lighting Company LHUV-0410 Datasheet HTML 7Page - Lumileds Lighting Company LHUV-0410 Datasheet HTML 8Page - Lumileds Lighting Company LHUV-0410 Datasheet HTML 9Page - Lumileds Lighting Company LHUV-0410 Datasheet HTML 10Page - Lumileds Lighting Company LHUV-0410 Datasheet HTML 11Page - Lumileds Lighting Company LHUV-0410 Datasheet HTML 12Page - Lumileds Lighting Company LHUV-0410 Datasheet HTML 13Page - Lumileds Lighting Company LHUV-0410 Datasheet HTML 14Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LUXEONUVDatasheetDS11420130925©2013PhilipsLumiledsLightingCompany.
9
Figure 8. Typical forward current vs. forward voltage, T
j = 25°C.
Figure 9. Typical forward voltage vs. junction temperature.


Similar Part No. - LHUV-0410

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LHUV-0410-0500 LUMILEDS-LHUV-0410-0500 Datasheet
1Mb / 15P
   Superior flux density, efficiency and design freedom ??in the industry?셲 only micro-package UV LED
LHUV-0410-0500 LUMILEDS-LHUV-0410-0500 Datasheet
897Kb / 2P
   Superior flux density, efficiency and design freedom ??in the industry?셲 only micro-package UV LED
LHUV-0410-0550 LUMILEDS-LHUV-0410-0550 Datasheet
1Mb / 15P
   Superior flux density, efficiency and design freedom ??in the industry?셲 only micro-package UV LED
LHUV-0410-0550 LUMILEDS-LHUV-0410-0550 Datasheet
897Kb / 2P
   Superior flux density, efficiency and design freedom ??in the industry?셲 only micro-package UV LED
LHUV-0410-0600 LUMILEDS-LHUV-0410-0600 Datasheet
1Mb / 15P
   Superior flux density, efficiency and design freedom ??in the industry?셲 only micro-package UV LED
More results

Similar Description - LHUV-0410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXZ2-4070 ETC2-LXZ2-4070_14 Datasheet
2Mb / 23P
   LUXEON Z LUXEON Z ES
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
logo
List of Unclassifed Man...
LXHL-BW02 ETC-LXHL-BW02 Datasheet
579Kb / 18P
   Luxeon Emitter
logo
Lumileds Lighting Compa...
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
List of Unclassifed Man...
LXHL-LB3C ETC-LXHL-LB3C Datasheet
242Kb / 14P
   Luxeon III Star
LXZ1-PM01 ETC2-LXZ1-PM01_14 Datasheet
3Mb / 28P
   LUXEON Z Color Protfolio
logo
Lumileds Lighting Compa...
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
MXM8-PW27-0000 LUMILEDS-MXM8-PW27-0000 Datasheet
3Mb / 27P
   LUXEON 3535 Mid-Power LEDs
MXA8-PW22-0000 LUMILEDS-MXA8-PW22-0000 Datasheet
2Mb / 28P
   LUXEON 3535L Mid-Power LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com