Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4364AIPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4364AIPWR
Description  1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4364AIPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA4364AIPWR Datasheet HTML 2Page - Texas Instruments OPA4364AIPWR Datasheet HTML 3Page - Texas Instruments OPA4364AIPWR Datasheet HTML 4Page - Texas Instruments OPA4364AIPWR Datasheet HTML 5Page - Texas Instruments OPA4364AIPWR Datasheet HTML 6Page - Texas Instruments OPA4364AIPWR Datasheet HTML 7Page - Texas Instruments OPA4364AIPWR Datasheet HTML 8Page - Texas Instruments OPA4364AIPWR Datasheet HTML 9Page - Texas Instruments OPA4364AIPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
10k
1k
100
10
1
Temperature ( C)
°
-50
-25
0
25
50
75
100
125
Temperature ( C)
°
-50
-25
0
25
50
75
100
125
10k
1k
100
10
1
3
2
1
0
-1
-2
-3
Output Current (mA)
0
±10 ±20 ±30 ±40 ±50
±60 ±70 ±80 ±90
T = 40 C
-
°
A
V = 2.5V
S
±
V = 1.65V
S
±
V = 0.9V
S
±
V = 2.5V
S
±
V = 1.65V
S
±
T = +25 C
°
A
T = +125 C
°
A
±100
4
2
0
-2
-4
-6
-8
-10
Common-Mode Voltage (V)
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
V
= +5.1V
CM
V
= 0.1V
-
CM
1000
100
10
Frequency (Hz)
10
100
1k
10k
100k
120
100
80
60
40
20
0
Supply Voltage (V)
1.5
2.0
+I
SC
-ISC
2.5
3.0
3.5
4.0
4.5
5.0
5.5
OPA363, OPA2363
OPA364, OPA2364, OPA4364
SBOS259C – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10kΩ connected to VS/2, VOUT = VS/2, and VCM = VS/2, unless otherwise noted.
INPUT VOLTAGE NOISE SPECTRAL DENSITY
SHORT-CIRCUIT CURRENT
vs FREQUENCY
vs SUPPLY VOLTAGE
Figure 7.
Figure 8.
OUTPUT VOLTAGE SWING
INPUT BIAS CURRENT
vs OUTPUT CURRENT
vs INPUT COMMON-MODE VOLTAGE
Figure 9.
Figure 10.
INPUT OFFSET CURRENT
INPUT BIAS CURRENT
vs TEMPERATURE
vs TEMPERATURE
Figure 11.
Figure 12.
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: OPA363 OPA2363 OPA364 OPA2364 OPA4364


Similar Part No. - OPA4364AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4364AIPWR TI-OPA4364AIPWR Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
More results

Similar Description - OPA4364AIPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA363 TI-OPA363 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Texas Instruments
OPA743 TI1-OPA743 Datasheet
842Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA2743EA TI1-OPA2743EA Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com