Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4376AIPW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4376AIPW
Description  Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4376AIPW Datasheet(HTML) 3 Page - Texas Instruments

  OPA4376AIPW Datasheet HTML 1Page - Texas Instruments OPA4376AIPW Datasheet HTML 2Page - Texas Instruments OPA4376AIPW Datasheet HTML 3Page - Texas Instruments OPA4376AIPW Datasheet HTML 4Page - Texas Instruments OPA4376AIPW Datasheet HTML 5Page - Texas Instruments OPA4376AIPW Datasheet HTML 6Page - Texas Instruments OPA4376AIPW Datasheet HTML 7Page - Texas Instruments OPA4376AIPW Datasheet HTML 8Page - Texas Instruments OPA4376AIPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
OPA376
OPA2376
OPA4376
www.ti.com
SBOS406F – JUNE 2007 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS: VS = +2.2V to +5.5V
Boldface limits apply over the specified temperature range: TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to VS/2, VCM = VS/2, and VO UT = VS/2, unless otherwise noted.
OPA376, OPA2376, OPA4376
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
Input Offset Voltage
VOS
5
25
μV
vs Temperature
dVOS/dT
–40°C to +85°C
0.26
1
μV/°C
–40°C to +125°C
0.32
2
μV/°C
vs Power Supply
PSRR
VS = +2.2V to +5.5V, VCM < (V+) – 1.3V
5
20
μV/V
Over Temperature
VS = +2.2V to +5.5V, VCM < (V+) – 1.3V
5
μV/V
Channel Separation, dc (dual, quad)
0.5
mV/V
INPUT BIAS CURRENT
Input Bias Current
IB
0.2
10
pA
Over Temperature
See Typical Characteristics
pA
Input Offset Current
IOS
0.2
10
pA
NOISE
Input Voltage Noise, f = 0.1Hz to 10Hz
0.8
μVPP
Input Voltage Noise Density, f = 1kHz
en
7.5
nV/
√Hz
Input Current Noise, f = 1kHz
in
2
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) – 0.1
(V+) + 0.1
V
Common-Mode Rejection Ratio
CMRR
(V–) < VCM < (V+) – 1.3 V
76
90
dB
INPUT CAPACITANCE
Differential
6.5
pF
Common-Mode
13
pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
50mV < VO < (V+) – 50mV, RL = 10kΩ
120
134
dB
100mV < VO < (V+) – 100mV, RL = 2kΩ
120
126
dB
FREQUENCY RESPONSE
CL = 100pF, VS = 5.5V
Gain-Bandwidth Product
GBW
5.5
MHz
Slew Rate
SR
G = +1
2
V/
μs
Settling Time 0.1%
tS
2V Step , G = +1
1.6
μs
Settling Time 0.01%
tS
2V Step , G = +1
2
μs
Overload Recovery Time
VIN × Gain > VS
0.33
μs
THD + Noise
THD+N
VO = 1VRMS, G = +1, f = 1kHz, RL = 10kΩ
0.00027
%
OUTPUT
Voltage Output Swing from Rail
RL = 10kΩ
(1)
10
20
mV
RL = 10kΩ
(2)
20
30
mV
Over Temperature
RL = 10kΩ
40
mV
Voltage Output Swing from Rail
RL = 2kΩ
(1)
40
50
mV
RL = 2kΩ
(2)
50
60
mV
Over Temperature
RL = 2kΩ
80
mV
Short-Circuit Current
ISC
+30/–50
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
Open-Loop Output Impedance
RO
150
(1)
SC70-5, SOT23-5, SO-8, MSOP-8, and TSSOP-14 packages only.
(2)
Wafer chip-scale package only.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA376 OPA2376 OPA4376


Similar Part No. - OPA4376AIPW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA4376AIPW BURR-BROWN-OPA4376AIPW Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Texas Instruments
OPA4376AIPW TI1-OPA4376AIPW Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA4376AIPWG4 BURR-BROWN-OPA4376AIPWG4 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Texas Instruments
OPA4376AIPWG4 TI1-OPA4376AIPWG4 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA4376AIPWR BURR-BROWN-OPA4376AIPWR Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
More results

Similar Description - OPA4376AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376 TI-OPA376_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
logo
Texas Instruments
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com