Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM5100APWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5100APWR
Description  112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5100APWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM5100APWR Datasheet HTML 7Page - Texas Instruments PCM5100APWR Datasheet HTML 8Page - Texas Instruments PCM5100APWR Datasheet HTML 9Page - Texas Instruments PCM5100APWR Datasheet HTML 10Page - Texas Instruments PCM5100APWR Datasheet HTML 11Page - Texas Instruments PCM5100APWR Datasheet HTML 12Page - Texas Instruments PCM5100APWR Datasheet HTML 13Page - Texas Instruments PCM5100APWR Datasheet HTML 14Page - Texas Instruments PCM5100APWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
tSCKH
System Clock
(SCK)
tSCKL
"L"
"H"
0.3*DVDD
0.7*DVDD
tSCY
PCM5100A, PCM5101A, PCM5102A
www.ti.com
SLAS859A – MAY 2012 – REVISED SEPTEMBER 2012
System Clock Input
The PCM510xA requires a system clock to operate the digital interpolation filters and advanced segment DAC
modulators. The system clock is applied at the SCK input (pin 12) and supports up to 50MHz. The PCM510xA
system-clock detection circuit automatically senses the system-clock frequency. Common audio sampling
frequencies of 8kHz, 16kHz, 32kHz - 44.1kHz - 48kHz, 88.2kHz - 96kHz, 176.4kHz -192kHz, and 384kHz with
±4% tolerance are supported. The sampling frequency detector sets the clock for the digital filter, Delta Sigma
Modulator (DSM) and the Negative Charge Pump (NCP) automatically. Table 3 shows examples of system clock
frequencies for common audio sampling rates.
SCK rates that are not common to standard audio clocks, between 1MHz and 50MHz, are only supported in
software mode, available only in the PCM512x and PCM514x devices, by configuring various PLL and clock-
divider registers. This programmability allows the device to become a clock master and drive the host serial port
with LRCK and BCK, from a non-audio related clock (for example, using 12MHz to generate 44.1kHz (LRCK)
and 2.8224MHz (BCK) ).
Figure 13 shows the timing requirements for the system clock input. For optimal performance, use a clock source
with low phase jitter and noise.
Table 3. System Master Clock Inputs for Audio Related Clocks
System Clock Frequency (fSCK) (MHz)
Sampling
Frequency
64 fS
128 fS
192 fS
256 fS
384 fS
512 fS
768 fS
1024 fS
1152 fS
1536 fS
2048 fS
3072 fS
8 kHz
(1)
1.0240(2)
1.5360(2)
2.0480
3.0720
4.0960
6.1440
8.1920
9.2160
12.2880
16.3840
24.5760
16 kHz
(1)
2.0480(2)
3.0720(2)
4.0960
6.1440
8.1920
12.2880
16.3840
18.4320
24.5760
36.8640
49.1520
32 kHz
(1)
4.0960(2)
6.1440(2)
8.1920
12.2880
16.3840
24.5760
32.7680
36.8640
49.1520
(1)
(1)
44.1 kHz
(1)
5.6488(2)
8.4672(2)
11.2896
16.9344
22.5792
33.8688
45.1584
(1)
(1)
(1)
(1)
48 kHz
(1)
6.1440(2)
9.2160(2)
12.2880
18.4320
24.5760
36.8640
49.1520
(1)
(1)
(1)
(1)
88.2 kHz
(1)
11.2896(2)
16.9344
22.5792
33.8688
45.1584
(1)
(1)
(1)
(1)
(1)
(1)
96 kHz
(1)
12.2880(2)
18.4320
24.5760
36.8640
49.1520
(1)
(1)
(1)
(1)
(1)
(1)
176.4 kHz
(1)
22.5792
33.8688
45.1584
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
192 kHz
(1)
24.5760
36.8640
49.1520
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
384 kHz
24.5760
49.1520
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
This system clock rate is not supported for the given sampling frequency.
(2)
This system clock rate is supported by PLL mode.
Figure 13. Timing Requirements for SCK Input
Table 4. Timing Requirements for SCK Input
Parameters
Min
Max
Unit
tSCY
System clock pulse cycle time
20
1000
ns
DVDD=1.8V
8
tSCKH
System clock pulse width, High
ns
DVDD=3.3V
9
DVDD=1.8V
8
tSCKL
System clock pulse width, Low
ns
DVDD=3.3V
9
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: PCM5100A PCM5101A PCM5102A


Similar Part No. - PCM5100APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5100APWR TI-PCM5100APWR Datasheet
1Mb / 35P
[Old version datasheet]   Market-Leading Low Out-of-Band Noise, Integrated Negative Charge Pump
PCM5100APWR TI1-PCM5100APWR Datasheet
1Mb / 42P
[Old version datasheet]   Audio Stereo DAC
More results

Similar Description - PCM5100APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5100 TI1-PCM5100 Datasheet
795Kb / 31P
[Old version datasheet]   2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
[Old version datasheet]   2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
ESS Technology,Inc
ES9018K2M ESS-ES9018K2M Datasheet
65Kb / 2P
   32-bit Stereo Mobile Audio DAC
logo
Texas Instruments
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
[Old version datasheet]   PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com