Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA376AIDBVRG4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA376AIDBVRG4
Description  Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA376AIDBVRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA376AIDBVRG4 Datasheet HTML 5Page - Texas Instruments OPA376AIDBVRG4 Datasheet HTML 6Page - Texas Instruments OPA376AIDBVRG4 Datasheet HTML 7Page - Texas Instruments OPA376AIDBVRG4 Datasheet HTML 8Page - Texas Instruments OPA376AIDBVRG4 Datasheet HTML 9Page - Texas Instruments OPA376AIDBVRG4 Datasheet HTML 10Page - Texas Instruments OPA376AIDBVRG4 Datasheet HTML 11Page - Texas Instruments OPA376AIDBVRG4 Datasheet HTML 12Page - Texas Instruments OPA376AIDBVRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
10
1k
100
10
1
0.1
Frequency(Hz)
10M
1k
100
10k
100k
1M
400 ALoad
m
2mALoad
1
100
10
1
0.1
Closed-LoopGain(V/V)
100
10
0.01%
0.1%
10
140
120
100
80
60
40
0
Frequency(Hz)
100M
1k
100
10M
10k
100k
1M
20
OPA376
OPA2376
OPA4376
www.ti.com
SBOS406F – JUNE 2007 – REVISED MARCH 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +5V, RL = 10kΩ connected to VS/2, VCM = VS/2, and VO UT = VS/2, unless otherwise noted.
SETTLING TIME vs CLOSED-LOOP GAIN
CHANNEL SEPARATION vs FREQUENCY
Figure 19.
Figure 20.
OPEN-LOOP OUTPUT RESISTANCE vs FREQUENCY
Figure 21.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA376 OPA2376 OPA4376


Similar Part No. - OPA376AIDBVRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA376AIDBVRG4 BURR-BROWN-OPA376AIDBVRG4 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Texas Instruments
OPA376AIDBVRG4 TI1-OPA376AIDBVRG4 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
More results

Similar Description - OPA376AIDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376 TI-OPA376_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
logo
Texas Instruments
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com