Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9548ADGVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9548ADGVR
Description  8-CHANNEL I2C SWITCH WITH RESET
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9548ADGVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCA9548ADGVR Datasheet HTML 4Page - Texas Instruments PCA9548ADGVR Datasheet HTML 5Page - Texas Instruments PCA9548ADGVR Datasheet HTML 6Page - Texas Instruments PCA9548ADGVR Datasheet HTML 7Page - Texas Instruments PCA9548ADGVR Datasheet HTML 8Page - Texas Instruments PCA9548ADGVR Datasheet HTML 9Page - Texas Instruments PCA9548ADGVR Datasheet HTML 10Page - Texas Instruments PCA9548ADGVR Datasheet HTML 11Page - Texas Instruments PCA9548ADGVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
www.ti.com
Power-On Reset
Voltage Translation
V
(V)
CC
2
1
1.5
4.5
3.5
2.5
5
4
3
2
2.5
3
3.5
4
4.5
5
5.5
Typical
Maximum
Minimum
I
=
100
A
SWout
-
m
Bus Transactions
Writes
PCA9548A
8-CHANNEL I2C SWITCH
WITH RESET
SCPS143C – OCTOBER 2006 – REVISED JUNE 2007
When power (from 0 V) is applied to VCC, an internal power-on reset holds the PCA9548A in a reset condition
until VCC has reached VPOR. At that point, the reset condition is released and the PCA9548A registers and I
2C
state machine initialize to their default states. After that, VCC must be lowered to below 0.2 V and then back up
to the operating voltage for a power-reset cycle.
The pass-gate transistors of the PCA9548A are constructed such that the VCC voltage can be used to limit the
maximum voltage that is passed from one I2C bus to another. Figure 6 shows the voltage characteristics of the
pass-gate transistors (note that the graph was generated using the data specified in the Electrical
Characteristics section of this data sheet).
Figure 6. Pass-Gate Voltage vs Supply Voltage at Three Process Points
For the PCA9548A to act as a voltage translator, the Vo(sw) voltage must be equal to, or lower than, the lowest
bus voltage. For example, if the main bus is running at 5 V and the downstream buses are 3.3 V and 2.7 V,
Vo(sw) should be equal to or below 2.7 V to effectively clamp the downstream bus voltages. As shown in
Figure 6, Vo(sw)(max) is 2.7 V when the PCA9548A supply voltage is 3.5 V or lower, so the PCA9548A supply
voltage can be set to 3.3 V. Pullup resistors then can be used to bring the bus voltages to their appropriate
levels (see Figure 11).
Data is exchanged between the master and PCA9548A through write and read commands.
Data is transmitted to the PCA9548A by sending the device address and setting the least-significant bit (LSB) to
a logic 0 (see Figure 4 for device address). The command byte is sent after the address and determines which
SCn/SDn channel receives the data that follows the command byte (see Figure 7). There is no limitation on the
number of data bytes sent in one write transmission.
8
Submit Documentation Feedback
Not Recommended For New Designs


Similar Part No. - PCA9548ADGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9548ADGVR TI-PCA9548ADGVR Datasheet
522Kb / 23P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
More results

Similar Description - PCA9548ADGVR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9548 PHILIPS-PCA9548 Datasheet
125Kb / 16P
   8-channel I2C switch with reset
2004 Sep 30
logo
Texas Instruments
PCA9548A TI-PCA9548A Datasheet
522Kb / 23P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548A PHILIPS-PCA9548A Datasheet
141Kb / 25P
   8-channel I2C switch with reset
Rev. 01-15 April 2005
PCA9548A NXP-PCA9548A Datasheet
152Kb / 26P
   8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Nuvoton Technology Corp...
NCT5948Y NUVOTON-NCT5948Y Datasheet
990Kb / 26P
   8-channel I2C-bus switch with reset
logo
Texas Instruments
TCA9548A-Q1 TI1-TCA9548A-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   Automotive 8-Channel I2C Switch with Reset
TCA9548A TI1-TCA9548A_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Voltage 8-Channel I2C Switch with Reset
TCA9548A TI1-TCA9548A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Voltage 8-Channel I2C Switch With Reset
TCA9548A TI1-TCA9548A Datasheet
586Kb / 22P
[Old version datasheet]   LOW VOLTAGE 8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9546 PHILIPS-PCA9546 Datasheet
139Kb / 17P
   4-channel I2C switch with reset
2004 Sep 30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com