Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2376AIYZDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2376AIYZDR
Description  Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2376AIYZDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2376AIYZDR Datasheet HTML 6Page - Texas Instruments OPA2376AIYZDR Datasheet HTML 7Page - Texas Instruments OPA2376AIYZDR Datasheet HTML 8Page - Texas Instruments OPA2376AIYZDR Datasheet HTML 9Page - Texas Instruments OPA2376AIYZDR Datasheet HTML 10Page - Texas Instruments OPA2376AIYZDR Datasheet HTML 11Page - Texas Instruments OPA2376AIYZDR Datasheet HTML 12Page - Texas Instruments OPA2376AIYZDR Datasheet HTML 13Page - Texas Instruments OPA2376AIYZDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
-0.5
3
2
1
0
-1
-2
-3
InputCommon-ModeVoltage(V)
6.0
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
+V
-V
C
1
100nF
R
2
10kW
R
1
1kW
+5V
V
OUT
V
IN
V
=2.5V
CM
OPA376
OPA376
OPA2376
OPA4376
SBOS406F – JUNE 2007 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
The OPA376 family of operational amplifiers is built
using e-trim, a proprietary technique in which offset
voltage
is
adjusted
during
the
final
steps
of
manufacturing.
This
technique
compensates
for
performance shifts that can occur during the molding
process. Through e-trim, the OPA376 family delivers
excellent offset voltage (5
μV, typ). Additionally, the
amplifier boasts a fast slew rate, low drift, low noise,
and excellent PSRR and AOL. These 5.5MHz CMOS
op amps operate on 760
μA (typ) quiescent current.
OPERATING CHARACTERISTICS
The OPA376 family of amplifiers has parameters that
are fully specified from 2.2V to 5.5V (±1.1V to
±2.75V). Many of the specifications apply from –40°C
to +125°C. Parameters that can exhibit significant
variance
with
regard
to
operating
voltage
or
temperature
are
presented
in
the
Typical
Characteristics.
GENERAL LAYOUT GUIDELINES
Figure 22. Basic Single-Supply Connection
For best operational performance of the device, good
printed circuit board (PCB) layout practices are
required. Low-loss, 0.1
μF bypass capacitors must be
connected between each supply pin and ground,
COMMON-MODE VOLTAGE RANGE
placed as close to the device as possible. A single
The input common-mode voltage range of the
bypass capacitor from V+ to ground is applicable to
OPA376 series extends 100mV beyond the supply
single-supply applications.
rails. The offset voltage of the amplifier is very low,
from approximately (V–) to (V+) – 1V, as shown in
BASIC AMPLIFIER CONFIGURATIONS
Figure 23. The offset voltage increases as common-
mode voltage exceeds (V+) –1V. Common-mode
The OPA376 family is unity-gain stable. It does not
rejection is specified from (V–) to (V+) – 1.3V.
exhibit output phase inversion when the input is
overdriven. A typical single-supply connection is
shown in Figure 22. The OPA376 is configured as a
basic inverting amplifier with a gain of –10V/V. This
single-supply connection has an output centered on
the common-mode voltage, VCM. For the circuit
shown, this voltage is 2.5V, but may be any value
within the common-mode input voltage range.
Figure 23. Offset and Common-Mode Voltage
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: OPA376 OPA2376 OPA4376


Similar Part No. - OPA2376AIYZDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2376AIYZDR TI1-OPA2376AIYZDR Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
More results

Similar Description - OPA2376AIYZDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA376-Q1 TI-OPA376-Q1_15 Datasheet
448Kb / 20P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376-Q1 TI1-OPA376-Q1 Datasheet
547Kb / 19P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim??Series
OPA376 TI-OPA376_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
OPA376-Q1_016 TI1-OPA376-Q1_016 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
logo
Burr-Brown (TI)
OPA376 BURR-BROWN-OPA376 Datasheet
786Kb / 23P
   Precision, Low Noise, Low Quiescent Current, Operational Amplifier
logo
Diodes Incorporated
AS2376Q DIODES-AS2376Q Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
Rev. 1 - 2 September 2022
AS2376 DIODES-AS2376 Datasheet
1Mb / 13P
   LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
September 2022 Rev. 1 - 2
logo
Texas Instruments
OPA376 TI1-OPA376 Datasheet
1Mb / 42P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA376-Q1 TI1-OPA376-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Operational Amplifier
OPA377-Q1 TI1-OPA377-Q1 Datasheet
978Kb / 26P
[Old version datasheet]   Low-Noise, Low Quiescent Current, Precision Automotive Grade Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com