Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA364 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA364
Description  1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA364 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA364 Datasheet HTML 6Page - Texas Instruments OPA364 Datasheet HTML 7Page - Texas Instruments OPA364 Datasheet HTML 8Page - Texas Instruments OPA364 Datasheet HTML 9Page - Texas Instruments OPA364 Datasheet HTML 10Page - Texas Instruments OPA364 Datasheet HTML 11Page - Texas Instruments OPA364 Datasheet HTML 12Page - Texas Instruments OPA364 Datasheet HTML 13Page - Texas Instruments OPA364 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
10
to
W
20W
V+
V
IN
V
OUT
R
S
R
L
C
L
OPAx363
OPAx364
OPA363, OPA2363
OPA364, OPA2364, OPA4364
SBOS259C – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
OPERATING VOLTAGE
The OPA363 and OPA364 series op amp parameters are fully specified from +1.8V to +5.5V. Single 0.1
μF
bypass capacitors should be placed across supply pins and as close to the part as possible. Supply voltages
higher than 5.5V (absolute maximum) may cause permanent damage to the amplifier. Many specifications apply
from –40°C to +125°C. Parameters that vary significantly with operating voltages or temperature are shown in
the Typical Characteristics.
ENABLE FUNCTION
The shutdown (enable) function of the OPA363 is referenced to the negative supply voltage of the operational
amplifier. A logic level HIGH enables the op amp. A valid logic HIGH is defined as voltage greater than 75% of
the positive supply applied to the enable pin. The valid logic HIGH signal can be as much as 5.5V above the
negative supply, independent of the positive supply voltage. A valid logic LOW is defined as less than 0.8V
above the negative supply pin. If dual or split power supplies are used, care should be taken to ensure logic input
signals are properly referred to the negative supply voltage. This pin should be connected to a valid high or low
voltage or driven, not left open circuit.
The logic input is a high-impedance CMOS input. Dual op amps are provided separate logic inputs. For battery-
operated applications, this feature may be used to greatly reduce the average current and extend battery life.
The enable time is 20
μs; disable time is 1μs. When disabled, the output assumes a high-impedance state. This
allows the OPA363 to be operated as a “gated” amplifier, or to have its output multiplexed onto a common
analog output bus.
CAPACITIVE LOAD
The OPA363 and OPA364 series op amps can drive a wide range of capacitive loads. However, all op amps
under certain conditions may become unstable. Op amp configuration, gain, and load value are just a few of the
factors to consider when determining stability. An op amp in unity-gain configuration is the most susceptible to
the effects of capacitive load. The capacitive load reacts with the output resistance of the op amp to create a
pole in the small-signal response, which degrades the phase margin.
In unity gain, the OPA363 and OPA364 series op amps perform well with a pure capacitive load up to
approximately 1000pF. The ESR (Equivalent Series Resistance) of the loading capacitor may be sufficient to
allow the OPA363 and OPA364 to directly drive very large capacitive loads (> 1
μF). Increasing gain enhances
the amplifier’s ability to drive more capacitance; see Figure 13.
One method of improving capacitive load drive in the unity-gain configuration is to insert a 10
Ω to 20Ω resistor in
series with the output, as shown in Figure 23. This significantly reduces ringing with large capacitive loads.
However, if there is a resistive load in parallel with the capacitive load, it creates a voltage divider introducing a
dc error at the output and slightly reduces output swing. This error may be insignificant. For instance, with RL =
10k
Ω and RS = 20Ω, there is only about a 0.2% error at the output.
Figure 23. Improving Capacitive Load Drive
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: OPA363 OPA2363 OPA364 OPA2364 OPA4364


Similar Part No. - OPA364

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA364 TI-OPA364 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA364AID TI-OPA364AID Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA364AIDBVR TI-OPA364AIDBVR Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA364AIDBVT TI-OPA364AIDBVT Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
More results

Similar Description - OPA364

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA363 TI-OPA363 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Texas Instruments
OPA743 TI1-OPA743 Datasheet
842Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA2743EA TI1-OPA2743EA Datasheet
615Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com