Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6658MAX Datasheet(PDF) 7 Page - Texas Instruments

Part # LMH6658MAX
Description  LMH6657/LMH6658 270MHz Single Supply, Single & Dual Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6658MAX Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6658MAX Datasheet HTML 3Page - Texas Instruments LMH6658MAX Datasheet HTML 4Page - Texas Instruments LMH6658MAX Datasheet HTML 5Page - Texas Instruments LMH6658MAX Datasheet HTML 6Page - Texas Instruments LMH6658MAX Datasheet HTML 7Page - Texas Instruments LMH6658MAX Datasheet HTML 8Page - Texas Instruments LMH6658MAX Datasheet HTML 9Page - Texas Instruments LMH6658MAX Datasheet HTML 10Page - Texas Instruments LMH6658MAX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
-5
-4
-3
-2
-1
0
1
2
3
4
5
100
110
120
130
140
VCM (V)
25°C
85°C
-40°C
VS = ±5V
RL = 100:
1M
10M
100M
1G
FREQUENCY (Hz)
0
20
40
60
80
0
10
20
100k
PHASE
GAIN
100
Im = 35.2°
133MHz
VS = ±5V
RL = 100:
1M
10M
100M
500M
-200
-50
FREQUENCY (Hz)
VS = ±2.5V
RL = 100:
VOUT = 200mVPP
-150
-100
0
AV = +10
AV = +5
AV = +2
AV = +1
1M
10M
100M
500M
-200
-50
FREQUENCY (Hz)
VS = ±2.5V
RL = 100:
VOUT = 200mVPP
AV = -10
AV = -5
AV = -1
AV = -2
AV = -1
AV = -2
AV = -5
-150
-100
0
FREQUENCY (Hz)
1M
10M
100M
500M
-1
VS = ±2.5V
RL = 100:
VOUT = 200mVPP
-5
-3
0
-7
AV = +10
AV = +5
AV = +2
AV = +1
1M
10M
100M
500M
-7
-5
-3
-1
0
FREQUENCY (Hz)
AV = -10
AV = -5
AV = -1
AV = -2
VS = ±2.5V
RL = 100:
VOUT = 200mVPP
LMH6657, LMH6658
www.ti.com
SNOSA35F – AUGUST 2002 – REVISED MARCH 2013
Typical Performance Characteristics
Non-Inverting Frequency Response,
Inverting Frequency Response,
Gain
Gain
Figure 3.
Figure 4.
Non-Inverting Frequency Response, Phase
Inverting Frequency Response, Phase
Figure 5.
Figure 6.
Open Loop Gain/Phase vs. Frequency
Unity Gain Frequency vs. VCM
Figure 7.
Figure 8.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6657 LMH6658


Similar Part No. - LMH6658MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6658MAX TI1-LMH6658MAX Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
LMH6658MAX/NOPB TI1-LMH6658MAX/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   270-MHz Single Supply, Single and Dual Amplifiers
More results

Similar Description - LMH6658MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com