Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD255D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD255D
Description  Turbo CAN Transceivers for Higher Data Rates and Large Networks Including Features
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD255D Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD255D Datasheet HTML 7Page - Texas Instruments SN65HVD255D Datasheet HTML 8Page - Texas Instruments SN65HVD255D Datasheet HTML 9Page - Texas Instruments SN65HVD255D Datasheet HTML 10Page - Texas Instruments SN65HVD255D Datasheet HTML 11Page - Texas Instruments SN65HVD255D Datasheet HTML 12Page - Texas Instruments SN65HVD255D Datasheet HTML 13Page - Texas Instruments SN65HVD255D Datasheet HTML 14Page - Texas Instruments SN65HVD255D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
SN65HVD255
SN65HVD256, SN65HVD257
www.ti.com
SLLSEA2C – DECEMBER 2011 – REVISED SEPTEMBER 2013
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating conditions, TA = –40°C to 125°C (unless otherwise noted). SN65HVD256 device VRXD = VCC.
PARAMETER
TEST CONDITIONS / COMMENT
MIN
TYP(1)
MAX UNIT
8.0
DEVICE SWITCHING CHARACTERISTICS
Total loop delay, driver input (TXD) to
8.1
tPROP(LOOP1) receiver output (RXD), recessive to
150
dominant
See Figure 13, S = 0 V, RL = 60 Ω,
ns
CL = 100 pF, CL_RXD = 15 pF
Total loop delay, driver input (TXD) to
8.2
tPROP(LOOP2) receiver output (RXD), dominant to
150
recessive
Mode change time, from Normal to Silent
8.3
IMODE
See Figure 12
20
µS
or from Silent to Normal
9.0
DRIVER ELECTRICAL CHARACTERISTICS
9.1
CANH
See Figure 3 and Figure 10, TXD =
2.75
4.5
Bus output voltage
VO(D)
0 V, S = 0 V, RL = 60 Ω, CL = open,
V
(dominant
9.2
CANL
0.5
2.25
RCM = open
See Figure 3 and Figure 10, TXD =
9.3
VO(R)
Bus output voltage (recessive)
VCC, VRXD = VCC, S = VCC or 0 V
(2),
2
0.5×VCC
3
V
RL = open (no load), RCM = open
See Figure 3 and Figure 10, TXD =
0 V, S = 0 V, 45
Ω ≤ RL ≤ 65 Ω, CL
9.4
1.5
3
= open, RCM = 330 Ω, –2 V ≤ VCM
7 V, 4.75 V
≤ VCC ≤ 5.25 V
VOD(D)
Differential output voltage (dominant)
V
See Figure 3 and Figure 10, TXD =
0 V, S = 0 V, 45
Ω ≤ RL ≤ 65 Ω, CL
9.5
1.25
3.2
= open, RCM = 330 Ω, –2 V ≤ VCM
7 V, 4.5V
≤ VCC ≤ 5.5 V
See Figure 3 and Figure 10, TXD =
9.6
VCC, S = 0 V, RL = 60 Ω, CL = open,
–0.12
0.012
RCM = open
VOD(R)
Differential output voltage (recessive)
V
See Figure 3 and Figure 10, TXD =
VCC, S = 0 V, RL = open (no load),
9.7
–0.100
0.050
CL = open, RCM = open, –40°C ≤ TA
≤ 85°C
Output symmetry (dominant or
See Figure 3 and Figure 10, S at 0
recessive)
9.8
VSYM
V, RL = 60 Ω, CL = open, RCM =
–0.4
0.4
V
open
(VCC – VO(CANH) – VO(CANL))
See Figure 3 and Figure 15, VCANH
9.9
–160
= 0 V, CANL = open, TXD = 0 V
short circuit steady-state output current,
IOS(SS)_DOM
mA
Dominant
See Figure 3 and Figure 15, VCANL =
9.10
160
32 V, CANH = open, TXD = 0 V
See Figure 3 and Figure 15, –20 V
short circuit steady-state output current,
VBUS ≤ 32 V, Where VBUS = CANH =
9.11
IOS(SS)_REC
–8
8
mA
Recessive
CANL, TXD = VCC, Normal and
Silent Modes
9.12
CO
Output capacitance
See receiver input capacitance
(2)
For the bus output voltage (recessive) will be the same if the device is in normal mode with S pin LOW or if the device is in silent mode
with the S pin is HIGH.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN65HVD255 SN65HVD256 SN65HVD257


Similar Part No. - SN65HVD255D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD255D TI1-SN65HVD255D Datasheet
647Kb / 21P
[Old version datasheet]   CAN Transceiver with Fast Loop Times for Highly Loaded Networks
SN65HVD255DR TI1-SN65HVD255DR Datasheet
647Kb / 21P
[Old version datasheet]   CAN Transceiver with Fast Loop Times for Highly Loaded Networks
More results

Similar Description - SN65HVD255D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD265 TI1-SN65HVD265 Datasheet
1Mb / 33P
[Old version datasheet]   Turbo CAN Transceivers
logo
Intel Corporation
AX200 INTEL-AX200 Datasheet
177Kb / 3P
   Nearly 40% higher peak data rates and up to 4x capacity
logo
List of Unclassifed Man...
MD-4DR ETC2-MD-4DR Datasheet
92Kb / 6P
   Bluetooth module for 2.4GHz systems including enhanced data rates(EDR) to 3Mbps
logo
Analog Devices
ADM3055E AD-ADM3055E Datasheet
454Kb / 24P
   Signal and Power Isolated, CAN Transceivers for CAN FD
logo
National Instruments Co...
VXI-USB NI-VXI-USB Datasheet
573Kb / 4P
   VXIbus 3.0 features including A64 addressing and 2eVME protocol
logo
Texas Instruments
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
logo
Neutrik AG
NBLC75BSX14 NEUTRIK-NBLC75BSX14 Datasheet
121Kb / 3P
   The rearTWIST HD Large BNC cable connector is designed for large cable diameters as used on long runs and high data rates(HD).
logo
Texas Instruments
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
logo
ON Semiconductor
AMIS-42670 ONSEMI-AMIS-42670_13 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
AMIS-42670 ONSEMI-AMIS-42670 Datasheet
156Kb / 10P
   High-Speed CAN Transceiver for Long Networks
January, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com