Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1795 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN65HVD1795
Description  70-V Fault-Protected RS-485 Transceiver With Cable Invert
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1795 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD1795 Datasheet HTML 5Page - Texas Instruments SN65HVD1795 Datasheet HTML 6Page - Texas Instruments SN65HVD1795 Datasheet HTML 7Page - Texas Instruments SN65HVD1795 Datasheet HTML 8Page - Texas Instruments SN65HVD1795 Datasheet HTML 9Page - Texas Instruments SN65HVD1795 Datasheet HTML 10Page - Texas Instruments SN65HVD1795 Datasheet HTML 11Page - Texas Instruments SN65HVD1795 Datasheet HTML 12Page - Texas Instruments SN65HVD1795 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
0
2 4
6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50
Idiff- DifferentialLoadCurrent-mA
V
=5.5V
CC
Load=300 W
Load=100 W
Load=60 W
V
=5V
CC
V
=4.5V
CC
VIN − Bus Pin Voltage − V
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
1.5
2.0
−90
−60
−30
0
30
60
90
G004
SN65HVD1794, SN65HVD1795
SN65HVD1796
www.ti.com
SLLS935A – AUGUST 2008 – REVISED AUGUST 2012
TYPICAL CHARACTERISTICS (continued)
BUS PIN CURRENT
vs
BUS PIN VOLTAGE
Figure 10.
DIFFERENTIAL OUTPUT VOLTAGE
vs
DIFFERENTIAL LOAD CURRENT
Figure 11.
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN65HVD1794, SN65HVD1795 SN65HVD1796


Similar Part No. - SN65HVD1795

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1795 TI-SN65HVD1795 Datasheet
532Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
More results

Similar Description - SN65HVD1795

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1794 TI-SN65HVD1794 Datasheet
532Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver With Cable Invert
SN65HVD1781 TI-SN65HVD1781 Datasheet
509Kb / 16P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceiver
SN65HVD1785 TI-SN65HVD1785 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SU65HVD1785 TI-SU65HVD1785 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1780 TI-SN65HVD1780 Datasheet
514Kb / 15P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Texas Instruments
SN65HVD1780_0809 TI-SN65HVD1780_0809 Datasheet
553Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers with 3.3-V to 5-V Operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com