Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM9076SX-5.0 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM9076SX-5.0
Description  LM9076 150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM9076SX-5.0 Datasheet(HTML) 3 Page - Texas Instruments

  LM9076SX-5.0 Datasheet HTML 1Page - Texas Instruments LM9076SX-5.0 Datasheet HTML 2Page - Texas Instruments LM9076SX-5.0 Datasheet HTML 3Page - Texas Instruments LM9076SX-5.0 Datasheet HTML 4Page - Texas Instruments LM9076SX-5.0 Datasheet HTML 5Page - Texas Instruments LM9076SX-5.0 Datasheet HTML 6Page - Texas Instruments LM9076SX-5.0 Datasheet HTML 7Page - Texas Instruments LM9076SX-5.0 Datasheet HTML 8Page - Texas Instruments LM9076SX-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LM9076
www.ti.com
SNVS260L – NOVEMEBER 2003 – REVISED MARCH 2013
Electrical Characteristics for LM9076–3.3
The following specifications apply for VIN = 14V; ILOAD = 10 mA; TJ = +25C; COUT = 10 μF, 0.5Ω < ESR < 4.0Ω; unless
otherwise specified. Bold values indicate
−40°C ≤ TJ ≤ +125°C.
(1) (2) (3)Minimum and Maximum limits are specified through
test, design or statistical correlation.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LM9076–3.3 REGULATOR CHARACTERISTICS
3.251
3.30
3.349
V
−20°C ≤ TJ ≤ 85°C
3.234
3.30
3.366
V
1 mA
≤ ILOAD ≤ 150 mA
Output Voltage
1mA
≤ ILOAD ≤ 150 mA
3.201
3.30
3.399
V
VIN = 60V,
VOUT
2.970
3.30
3.630
V
RLOAD = 1 kΩ, t ≤ 40ms
Output Voltage Off
VSHUTDOWN ≥ 2V,
0
250
mV
LM9076 BMA only
RLOAD = 1 kΩ
VIN = -15V,
Reverse Battery
−300
0
mV
RLOAD = 1 kΩ
9.0V
≤ VIN ≤ 16V,
4
25
mV
ILOAD = 10 mA
Line Regulation
ΔVOUT
16V
≤ VIN ≤ 40V,
17
35
mV
ILOAD = 10 mA
Load Regulation
1 mA
≤ ILOAD ≤ 150 mA
42
60
mV
ILOAD = 10 mA
30
50
mV
VDO
Dropout Voltage
ILOAD = 50 mA
80
mV
ILOAD = 150 mA
150
250
mV
9V
≤ VIN ≤ 16V,
25
45
μA
ILOAD = 100 uA
9V
≤ VIN ≤ 40V,
125
160
μA
ILOAD = 10 mA
IGND
Ground Pin Current
9V
≤ VIN ≤ 40V,
0.6
mA
ILOAD = 50 mA
9V
≤ VIN ≤ 16V,
3.6
4.5
mA
ILOAD = 150 mA
VOUT Short Circuit
VIN = 14V,
ISC
200
400
750
mA
Current
RLOAD = 1Ω
VIN = (14VDC) + (1VRMS
PSRR
Ripple Rejection
@ 120Hz)
50
60
dB
ILOAD = 50 mA
RESET PIN CHARACTERISTICS
Minimum VIN for valid
VOR
(Note 3)
1.3
2.0
V
RESET Status
VOUT Threshold for
X VOUT
VTHR
(Note 3)
0.83
0.89
0.94
RESET Low
(Nom)
External pull-up resistor
VOH
RESET pin high voltage
VOUT X 0.90
VOUT X 0.99
VOUT
V
to VOUT = 100 kΩ
CDELAY < 4.0V,
VOL
RESET pin low voltage
0.2
0.3
V
ISINK = 250 µA
(1)
The regulated output voltage specification is not ensured for the entire range of VIN and output loads. Device operational range is limited
by the maximum junction temperature (T J ). The junction temperature is influenced by the ambient temperature (T A ), package
selection, input voltage (VIN ), and the output load current. When operating with maximum load currents the input voltage and/or ambient
temperature will be limited. When operating with maximum input voltage the load current and/or the ambient temperature will be limited.
(2)
Pulse testing used maintain constant junction temperature (TJ ).
(3)
Not Production tested, Specified by Design. Minimum, Typical, and/or Maximum values are provided for informational purposes only.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM9076


Similar Part No. - LM9076SX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9076SX-5.0/NOPB TI1-LM9076SX-5.0/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
More results

Similar Description - LM9076SX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9076 NSC-LM9076 Datasheet
259Kb / 8P
   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
logo
Texas Instruments
LM9076Q TI1-LM9076Q Datasheet
357Kb / 16P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076Q TI-LM9076Q_15 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator with Delayed Reset Output
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com