Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FODM124 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FODM124
Description  4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FODM124 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FODM124 Datasheet HTML 1Page - Fairchild Semiconductor FODM124 Datasheet HTML 2Page - Fairchild Semiconductor FODM124 Datasheet HTML 3Page - Fairchild Semiconductor FODM124 Datasheet HTML 4Page - Fairchild Semiconductor FODM124 Datasheet HTML 5Page - Fairchild Semiconductor FODM124 Datasheet HTML 6Page - Fairchild Semiconductor FODM124 Datasheet HTML 7Page - Fairchild Semiconductor FODM124 Datasheet HTML 8Page - Fairchild Semiconductor FODM124 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FODMXXX Rev. 1.1.4
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Electrical Characteristics (T
A = 25°C)
Individual Component Characteristics
Symbol
Parameter
Value
Units
TOTAL PACKAGE
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +110
°C
EMITTER
IF (avg)
Continuous Forward Current
50
mA
IF (pk)
Peak Forward Current (1µs pulse, 300 pps.)
1
A
VR
Reverse Input Voltage
6
V
PD
Power Dissipation
70
mW
Derate linearly (above 25°C)
0.65
mW/°C
DETECTOR
Continuous Collector Current
80
mA
PD
Power Dissipation
150
mW
Derate linearly (above 25°C)
2.0
mW/°C
VCEO
Collector-Emitter Voltage
FODM2701, FODM2705
40
V
FODM121 Series, FODM124
80
VECO
Emitter-Collector Voltage
7
V
Symbol
Parameter
Test Conditions
Device
Min.
Typ.*
Max.
Unit
EMITTER
VF
Forward Voltage
IF = 10mA
FODM121 Series,
FODM124
1.0
1.3
V
IF = 5mA
FODM2701
1.4
IF = ±5mA
FODM2705
IR
Reverse Current
VR = 5V
FODM2701
5
µA
FODM121 Series
FODM124
DETECTOR
BVCEO
Breakdown Voltage
Collector to Emitter
IC = 1mA, IF = 0
FODM121 Series,
FODM124
80
V
FODM2701,
FODM2705
40
BVECO
Emitter to Collector
IE = 100µA, IF = 0
All
7
V
ICEO
Collector Dark
Current
VCE = 40V, IF = 0
All
100
nA
CCE
Capacitance
VCE = 0V, f = 1MHz
All
10
pF


Similar Part No. - FODM124

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM124 FAIRCHILD-FODM124 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124 FAIRCHILD-FODM124 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124 FAIRCHILD-FODM124 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124 FAIRCHILD-FODM124 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124 FAIRCHILD-FODM124 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
More results

Similar Description - FODM124

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR2V FAIRCHILD-FODM121AR2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
HMA121 FAIRCHILD-HMA121 Datasheet
502Kb / 10P
   FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
FODM3053 FAIRCHILD-FODM3053 Datasheet
78Kb / 8P
   4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
logo
ON Semiconductor
FODM3011 ONSEMI-FODM3011_V01 Datasheet
222Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
October, 2021 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com