Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5107MA Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5107MA
Description  LM5107 100V / 1.4A Peak Half Bridge Gate Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5107MA Datasheet(HTML) 2 Page - Texas Instruments

  LM5107MA Datasheet HTML 1Page - Texas Instruments LM5107MA Datasheet HTML 2Page - Texas Instruments LM5107MA Datasheet HTML 3Page - Texas Instruments LM5107MA Datasheet HTML 4Page - Texas Instruments LM5107MA Datasheet HTML 5Page - Texas Instruments LM5107MA Datasheet HTML 6Page - Texas Instruments LM5107MA Datasheet HTML 7Page - Texas Instruments LM5107MA Datasheet HTML 8Page - Texas Instruments LM5107MA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
HI
LI
V
SS
HO
HS
LO
HB
V
DD
1
2
3
4
8
7
6
5
HI
LI
V
SS
HO
HS
LO
HB
V
DD
1
2
3
4
8
7
6
5
DRIVER
DRIVER
LEVEL
SHIFT
UVLO
UVLO
HI
VDD
LI
VSS
HB
HO
HS
LO
HV
LM5107
SNVS333D – NOVEMBER 2004 – REVISED MARCH 2013
www.ti.com
Simplified Block Diagram
Connection Diagrams
Figure 1. 8-Lead SOIC
Figure 2. 8-Lead WSON
See D Package
See NGT0008A Package
PIN DESCRIPTIONS(1)
Pin #
Name
Description
Application Information
SOIC
WSON
Locally decouple to VSS using low ESR/ESL capacitor located as
1
1
VDD
Positive gate drive supply
close to IC as possible.
The LM5107 HI input is compatible with TTL input thresholds.
2
2
HI
High side control input
Unused HI input should be tied to ground and not left open
The LM5107 LI input is compatible with TTL input thresholds. Unused
3
3
LI
Low side control input
LI input should be tied to ground and not left open.
4
4
VSS
Ground reference
All signals are referenced to this ground.
5
5
LO
Low side gate driver output
Connect to the gate of the low side N-MOS device.
Connect to the negative terminal of the bootstrap capacitor and to the
6
6
HS
High side source connection
source of the high side N-MOS device.
7
7
HO
High side gate driver output
Connect to the gate of the low side N-MOS device.
Connect the positive terminal of the bootstrap capacitor to HB and
High side gate driver positive
8
8
HB
the negative terminal of the bootstrap capacitor to HS. The bootstrap
supply rail
capacitor should be placed as close to IC as possible.
(1)
For WSON package it is recommended that the exposed pad on the bottom of the LM5107 be soldered to ground plane on the PCB
board and the ground plane should extend out from underneath the package to improve heat dissipation.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5107


Similar Part No. - LM5107MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5107MA TI1-LM5107MA Datasheet
860Kb / 20P
[Old version datasheet]   1.4A Peak Half Bridge Gate Driver
LM5107MA/NOPB TI1-LM5107MA/NOPB Datasheet
860Kb / 20P
[Old version datasheet]   1.4A Peak Half Bridge Gate Driver
LM5107MAX TI1-LM5107MAX Datasheet
860Kb / 20P
[Old version datasheet]   1.4A Peak Half Bridge Gate Driver
LM5107MAX/NOPB TI1-LM5107MAX/NOPB Datasheet
860Kb / 20P
[Old version datasheet]   1.4A Peak Half Bridge Gate Driver
More results

Similar Description - LM5107MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5107 NSC-LM5107 Datasheet
655Kb / 10P
   100V / 1.4A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5107 TI1-LM5107_16 Datasheet
860Kb / 20P
[Old version datasheet]   1.4A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5109 NSC-LM5109 Datasheet
657Kb / 9P
   100V / 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109 TI1-LM5109 Datasheet
733Kb / 14P
[Old version datasheet]   100V/1A Peak Half Bridge Gate Driver
logo
National Semiconductor ...
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
logo
Monolithic Power System...
MP18021 MPS-MP18021 Datasheet
323Kb / 9P
   100V High Frequency Half-Bridge Gate Driver
logo
National Semiconductor ...
LM5109B NSC-LM5109B Datasheet
272Kb / 10P
   High Voltage 1A Peak Half Bridge Gate Driver
LM5109A NSC-LM5109A Datasheet
663Kb / 9P
   High Voltage 1A Peak Half Bridge Gate Driver
logo
Texas Instruments
LM5109A TI1-LM5109A_16 Datasheet
844Kb / 18P
[Old version datasheet]   High Voltage 1A Peak Half Bridge Gate Driver
logo
Intersil Corporation
EL7761 INTERSIL-EL7761 Datasheet
121Kb / 5P
   100V Half Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com