Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5066PMH Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5066PMH
Description  LM5066 High Voltage System Power Management and Protection IC with PMBus
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5066PMH Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5066PMH Datasheet HTML 4Page - Texas Instruments LM5066PMH Datasheet HTML 5Page - Texas Instruments LM5066PMH Datasheet HTML 6Page - Texas Instruments LM5066PMH Datasheet HTML 7Page - Texas Instruments LM5066PMH Datasheet HTML 8Page - Texas Instruments LM5066PMH Datasheet HTML 9Page - Texas Instruments LM5066PMH Datasheet HTML 10Page - Texas Instruments LM5066PMH Datasheet HTML 11Page - Texas Instruments LM5066PMH Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
-40 -20
0
20 40 60 80 100 120 140
0
5
10
15
20
25
30
TEMPERATURE (°C)
VIN = 48V
VIN = 24V
VIN = 80V
-60 -40 -20 0
20 40 60 80 100 120 140
2.42
2.44
2.46
2.48
2.50
TEMPERATURE (°C)
VIN = 10V
VIN = 48V, 80V
-60 -40 -20 0
20 40 60 80 100 120 140
16.0
16.2
16.4
16.6
16.8
17.0
17.2
17.4
17.6
17.8
18.0
TEMPERATURE (°C)
VIN = 10V to 80V
-60 -40 -20 0 20 40 60 80 100120140
-20.0
-19.5
-19.0
-18.5
-18.0
TEMPERATURE (°C)
-60 -40 -20 0
20 40 60 80 100 120 140
0
30
60
90
120
150
TEMPERATURE (°C)
VIN = 80V
VIN = 48V
VIN = 10V
-60 -40 -20 0 20 40 60 80 100120140
-100
-80
-60
-40
-20
0
TEMPERATURE (°C)
VIN = 80V
VIN = 10V
VIN = 48V
-60 -40 -20 0
20 40 60 80 100 120 140
5.0
5.5
6.0
6.5
7.0
7.5
8.0
TEMPERATURE (°C)
VIN= 10V
VIN= 48V
VIN= 80V
-60 -40 -20 0
20 40 60 80 100 120 140
22
23
24
25
26
27
28
29
30
TEMPERATURE (°C)
LM5066
SNVS655G – JUNE 2011 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified the following conditions apply: TJ = 25°C, VIN = 48V. All graphs show junction temperature.
VIN Pin Current
Sense Pin Current (Enabled)
Out Pin Current (Enabled)
Out Pin Current (Disabled)
Gate Zener Reverse Bias Voltage (VGATE - VOUT)
Gate Pin Source Current
VSNS at Power Limit Threshold
RPWR = 75 kΩ
UVLO Threshold
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5066


Similar Part No. - LM5066PMH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5066PMH TI1-LM5066PMH Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
LM5066PMH/NOPB TI1-LM5066PMH/NOPB Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
LM5066PMHE TI1-LM5066PMHE Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
LM5066PMHE/NOPB TI1-LM5066PMHE/NOPB Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
LM5066PMHENOPB TI1-LM5066PMHENOPB Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
More results

Similar Description - LM5066PMH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM5056 TI-LM5056 Datasheet
1Mb / 46P
[Old version datasheet]   High-Voltage System Power Management Device with PMBus?
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com