Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2673S-12 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2673S-12
Description  LM2673 SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2673S-12 Datasheet(HTML) 1 Page - Texas Instruments

  LM2673S-12 Datasheet HTML 1Page - Texas Instruments LM2673S-12 Datasheet HTML 2Page - Texas Instruments LM2673S-12 Datasheet HTML 3Page - Texas Instruments LM2673S-12 Datasheet HTML 4Page - Texas Instruments LM2673S-12 Datasheet HTML 5Page - Texas Instruments LM2673S-12 Datasheet HTML 6Page - Texas Instruments LM2673S-12 Datasheet HTML 7Page - Texas Instruments LM2673S-12 Datasheet HTML 8Page - Texas Instruments LM2673S-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
=
37,125
RADJ
I
CL
Voltage
5V/3A
COUT
180 PF/16V
33 PH
L
Feedback
Boost
SR305
Ground
Current
VIN
Softstart
1 nF
Voltage
8V to 40V
Input
LM2673 - 5.0
Output
Switch
Output
0.01 PF
+
Limit
Adjust
8.2k
0.47 PF
+
+
CIN
2 x 15 PF/50V
LM2673
www.ti.com
SNVS030N – APRIL 2000 – REVISED APRIL 2013
LM2673 SIMPLE SWITCHER® 3A Step-Down Voltage Regulator with Adjustable Current
Limit
Check for Samples: LM2673
1
FEATURES
DESCRIPTION
The LM2673 series of regulators are monolithic
23
Efficiency Up to 94%
integrated circuits which provide all of the active
Simple and Easy to Design with (Using Off-
functions for a step-down (buck) switching regulator
The-Shelf External Components)
capable of driving up to 3A loads with excellent line
Resistor Programmable Peak Current Limit
and load regulation characteristics. High efficiency
(>90%) is obtained through the use of a low ON-
Over a Range of 2A to 5A
resistance DMOS power switch. The series consists
150 m
Ω DMOS Output Switch
of fixed output voltages of 3.3V, 5V and 12V and an
3.3V, 5V and 12V Fixed Output and Adjustable
adjustable output version.
(1.2V to 37V) Versions
The SIMPLE SWITCHER® concept provides for a
±2% Maximum Output Tolerance Over Full
complete design using a minimum number of external
Line and Load Conditions
components.
A
high
fixed
frequency
oscillator
Wide Input Voltage Range: 8V to 40V
(260KHz) allows the use of physically smaller sized
components. A family of standard inductors for use
260 KHz Fixed Frequency Internal Oscillator
with
the
LM2673
are
available
from
several
Softstart Capability
manufacturers to greatly simplify the design process.
−40 to +125°C Operating Junction Temperature
Other features include the ability to reduce the input
Range
surge current at power-ON by adding a softstart
timing capacitor to gradually turn on the regulator.
APPLICATIONS
The
LM2673
series
also
has
built
in
thermal
shutdown and resistor programmable current limit of
Simple to Design, High Efficiency (>90%) Step-
the power MOSFET switch to protect the device and
Down Switching Regulators
load circuitry under fault conditions. The output
Efficient System Pre-Regulator for Linear
voltage is ensured to a ±2% tolerance. The clock
Voltage Regulators
frequency is controlled to within a ±11% tolerance.
Battery Chargers
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER, Switchers Made Simple are registered trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2673S-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2673S-12 NSC-LM2673S-12 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
Texas Instruments
LM2673S-12 TI1-LM2673S-12 Datasheet
2Mb / 37P
[Old version datasheet]   LM2673 SIMPLE SWITCHER짰 3-A Step-Down Voltage Regulator With Adjustable Current Limit
LM2673S-12/NOPB TI1-LM2673S-12/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   LM2673 SIMPLE SWITCHER짰 3-A Step-Down Voltage Regulator With Adjustable Current Limit
More results

Similar Description - LM2673S-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2673 NSC-LM2673 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
Cystech Electonics Corp...
LM2576-XXE5 CYSTEKEC-LM2576-XXE5 Datasheet
340Kb / 12P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2576 SECOS-S5ULM2576 Datasheet
998Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2576 GTM-G5ELM2576 Datasheet
358Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
G5ULM2576 GTM-G5ULM2576 Datasheet
356Kb / 7P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM2576 ARTSCHIP-LM2576 Datasheet
1Mb / 23P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com