Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6863RTY Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN6863RTY
Description  Highly Integrated Green-Mode PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6863RTY Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN6863RTY Datasheet HTML 1Page - Fairchild Semiconductor FAN6863RTY Datasheet HTML 2Page - Fairchild Semiconductor FAN6863RTY Datasheet HTML 3Page - Fairchild Semiconductor FAN6863RTY Datasheet HTML 4Page - Fairchild Semiconductor FAN6863RTY Datasheet HTML 5Page - Fairchild Semiconductor FAN6863RTY Datasheet HTML 6Page - Fairchild Semiconductor FAN6863RTY Datasheet HTML 7Page - Fairchild Semiconductor FAN6863RTY Datasheet HTML 8Page - Fairchild Semiconductor FAN6863RTY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6863 • Rev. 1.0.1
5
Electrical Characteristics
VDD = 15V and TA = 25°C, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VDD Section
VDD-OP
Continuously Operating Voltage
20
V
VDD-ON
Turn-On Threshold Voltage
15
16
17
V
VDD-OFF
Turn-Off Voltage
6.5
7.0
7.5
V
VDD-LH
Threshold Voltage for Latch-Off Release
3
4
5
V
IDD-ST
Startup Current
VDD-ON – 0.16V
8
15
µA
IDD-OP1
Operating Supply Current when PWM
Operation
VDD = 20V,
VFB = 3V Gate Open
2
mA
IDD-OP2
Operating Supply Current when FB< VFB-ZDC
VDD = 15V,
VFB < VFB-ZDC
600
µA
VDD-OVP
VDD Over-Voltage Protection
FAN6863L-Latch,
FAN6863R-Auto
Restart
21.5
22.5
23.5
V
tD-VDDOVP
VDD OVP Debounce Time
50
µs
IDD-LH
Latch-Off Holding Current
VDD = 5V; FAN6863,
FAN6863L Only
70
80
µA
Feedback Input Section
AV
Input-Voltage to Current-Sense Attenuation
1/4.0
1/3.5
1/3.0
V/V
ZFB
Input Impedance
17
kΩ
VFB-OPEN
FB Pin Open Voltage
5.2
5.4
5.6
V
VFB-OLP
Threshold Voltage for Open-Loop Protection
4.3
4.6
4.9
V
tD-OLP
Open-Loop Protection Delay
FB > VFB-OLP,
tON < 2.5µs,
TA = -40 to +105°C
54
60
65
ms
tD-SCP
Secondary Short Circuit Protection Delay
FB > VFB-OLP,
tON < 2.5µs,
TA = -40 to +105°C
6
7
8
ms
tON-SCP
Short-Circuit Protection On-Time Detection
FB>VFB-OLP,
TA = -40 to +105°C
2.5
µs
Current Sense Section
tPD
Delay to Output
100
250
ns
tLEB
Leading-Edge Blanking Time
200
250
ns
VSTHFL
Flat Threshold Voltage for Current Limit
Duty>55%
0.6
V
VSTHVA
Valley Threshold Voltage for Current Limit
Duty = 0%
0.39
V
tSOFT-START Period During Startup Time
Startup Time
5
ms
VSSCP
Threshold Voltage for SENSE Short-Circuit
Protection
tON > 4.5µs,
FB < VFB-OLP,
TA = -40 to +105°C
110
mV
tON-SSCP
Detect SENSE On Time for SENSE Short-
Circuit Protection
4.4
µs
tSSCP
Debounce Time for SENSE Short-Circuit
Protection
tON > 4.5µs,
FB < VFB-OLP,
TA = -40 to +105°C
100
µs
Continued on the following page…


Similar Part No. - FAN6863RTY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6863W FAIRCHILD-FAN6863W Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6863WL FAIRCHILD-FAN6863WL Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6863WLTY FAIRCHILD-FAN6863WLTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6863WR FAIRCHILD-FAN6863WR Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
FAN6863WRTY FAIRCHILD-FAN6863WRTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
More results

Similar Description - FAN6863RTY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6846G FAIRCHILD-SG6846G Datasheet
376Kb / 14P
   Highly Integrated Green-Mode PWM Controller
FAN6751MR FAIRCHILD-FAN6751MR Datasheet
468Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
SG5842A FAIRCHILD-SG5842A_09 Datasheet
573Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com