Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT06P4K17ALCG Datasheet(PDF) 4 Page - EPCOS

Part # CT06P4K17ALCG
Description  Ceramic transient voltage suppressors
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CT06P4K17ALCG Datasheet(HTML) 4 Page - EPCOS

  CT06P4K17ALCG Datasheet HTML 1Page - EPCOS CT06P4K17ALCG Datasheet HTML 2Page - EPCOS CT06P4K17ALCG Datasheet HTML 3Page - EPCOS CT06P4K17ALCG Datasheet HTML 4Page - EPCOS CT06P4K17ALCG Datasheet HTML 5Page - EPCOS CT06P4K17ALCG Datasheet HTML 6Page - EPCOS CT06P4K17ALCG Datasheet HTML 7Page - EPCOS CT06P4K17ALCG Datasheet HTML 8Page - EPCOS CT06P4K17ALCG Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
General technical data
Maximum RMS operating voltage
VRMS,max
17
V
Maximum DC operating voltage
VDC,max
22
V
Contact discharge ESD capability
to IEC 61000-4-2
VESD,contact
8
kV
Air discharge ESD capability
to IEC 61000-4-2
VESD,air
15
kV
Maximum surge current
(8/20 µs)
Isurge,max
10 ... 30
A
Maximum capacitance
(1 MHz, 1 V)
Cmax
50 ... 100
pF
Maximum clamping voltage
(8/20 µs)
Vclamp,max
50
V
Operating temperature
for arrays
Top
40/+85
°C
for case size
≥ 0603 T
op
55/+125
°C
Storage temperature
for arrays
LCT/UCT
40/+125
°C
for case size
≥ 0603 LCT/UCT
55/+150
°C
Temperature derating
Climatic category:
40/+85
°C for arrays
Climatic category:
55/+125
°C for
chip size
≥ 0603
Multilayer varistors (MLVs)
Low capacitance series
Page 4 of 34
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - CT06P4K17ALCG

ManufacturerPart #DatasheetDescription
logo
EPCOS
CT06P4L14THSG EPCOS-CT06P4L14THSG Datasheet
672Kb / 30P
   Ceramic transient voltage suppressors
CT06P4L150THSG EPCOS-CT06P4L150THSG Datasheet
672Kb / 30P
   Ceramic transient voltage suppressors
CT06P4S14THSG EPCOS-CT06P4S14THSG Datasheet
672Kb / 30P
   Ceramic transient voltage suppressors
CT06P4S150THSG EPCOS-CT06P4S150THSG Datasheet
672Kb / 30P
   Ceramic transient voltage suppressors
CT06P4V14THSG EPCOS-CT06P4V14THSG Datasheet
672Kb / 30P
   Ceramic transient voltage suppressors
More results

Similar Description - CT06P4K17ALCG

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com