Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1940930000 Datasheet(PDF) 1 Page - Weidmuller

Part No. 1940930000
Description  PCB connection systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1940930000 Datasheet(HTML) 1 Page - Weidmuller

  1940930000 Datasheet HTML 1Page - Weidmuller 1940930000 Datasheet HTML 2Page - Weidmuller 1940930000 Datasheet HTML 3Page - Weidmuller 1940930000 Datasheet HTML 4Page - Weidmuller 1940930000 Datasheet HTML 5Page - Weidmuller 1940930000 Datasheet HTML 6Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Socket connectors,
screw clamp connection, pitch 3.81 | BCZ 3.81/180 | BCZ 3.81/180
- 1 -
General ordering data
Order No.
1792920000
Part designation
BCZ 3.81/10/180 SN GN
Version
PCB plug-in connector, Female connectors,
Clamping yoke connection, Clamping range, max.:
1.5 mm², Pitch: 3.81 mm, No. of poles: 10, 180°,
Box
EAN
4032248227006
Qty.
50 pc(s).
System parameters
Conductor connection system
Clamping yoke connection
Outgoing direction of conductor
180°
Pitch
3.81 mm
Pitch in inch
0.15 inch
No. of poles
10
No. of rows
1
Screwdriver blade
0.4 x 2.5
Screwdriver blade standard
DIN 5264
Tightening torque, min.
0.2
Tightening torque, max.
0.25 Nm
Clamping screw
M 2
Stripping length
7 mm
L1 in mm
34.29 mm
L1 in inch
1.35 inch
Electric shock protection to DIN VDE 0470
IP 20
Electric shock protection to DIN VDE 0470
Safe from finger touch
Material data
Insulating material
PA GF
Colour
Pale green
colour chart
Similar to RAL 6021
Insulating material group
II
Flammability class UL 94
V-0
CTI
>= 475


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn