Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX48 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TX48
Description  Two High-Speed USB 2.0 ports, True colour LCD controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TX48 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TX48 Datasheet HTML 1Page - List of Unclassifed Manufacturers TX48 Datasheet HTML 2Page - List of Unclassifed Manufacturers TX48 Datasheet HTML 3Page - List of Unclassifed Manufacturers TX48 Datasheet HTML 4Page - List of Unclassifed Manufacturers TX48 Datasheet HTML 5Page - List of Unclassifed Manufacturers TX48 Datasheet HTML 6Page - List of Unclassifed Manufacturers TX48 Datasheet HTML 7Page - List of Unclassifed Manufacturers TX48 Datasheet HTML 8Page - List of Unclassifed Manufacturers TX48 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TX48
STARTER-KIT V
The Starter-Kit V is a ready-to-use development
system for building applications based on the TX
embedded processor boards.
DIMM200 TX socket
Two SD-card sockets
USB 2.0 OTG and USB 2.0 Host connector
D-SUB 15 VGA connector
40pin LCD flat cable header
3.5mm headphone connector
JTAG interface
SGTL5000 audio codec
TSC2007 touchscreen controller
RS232 on 10pin flat cable and SUB-D
header
All pins of the TX socket are connected to
daughter board slot for easy application
design-in
10/100 Mbit/s Ethernet
5VDC Power Supply by USB-OTG or power
jack.
100mm x 160mm
Schematics of the base board are included
for reference.
DISPLAY OPTIONS
The optional display comes with an FFC cable and
a small adapter PCB which can be plugged directly
onto the Starter-Kit 40pin LCD header.
Option 1: 5,7“ VGA Resistive Touch
5,7 inch TFT display
640 x 480 dots
White LED backlight
Resistive Touchsceen
Option 2: 5,7“ VGA PolyTouch™
5,7 inch TFT display
640 x 480 dots
White LED backlight
Capacitive Touchsceen
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de


Similar Part No. - TX48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX48720256S128FI ETC2-TX48720256S128FI Datasheet
603Kb / 1P
   Computer On Module
More results

Similar Description - TX48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX6Q ETC2-TX6Q Datasheet
1Mb / 20P
   Two High Speed USB 2.0 ports, Full HD LCD controller, 24bpp
TX53 ETC2-TX53 Datasheet
1Mb / 14P
   Two High Speed USB 2.0 ports, Two Camera Interfaces
TX28 ETC2-TX28 Datasheet
948Kb / 9P
   Two 10/100Mbps Ethernet ports with IEEE1588 support, Two High-Speed USB 2.0 ports
logo
C-Media Electronics
CM6610A CMEDIA-CM6610A Datasheet
505Kb / 16P
   USB 2.0 High-Speed True HD Audio Processor
CM6631A CMEDIA-CM6631A Datasheet
499Kb / 16P
   USB 2.0 High-Speed True HD Audio Processor
CM6631 CMEDIA-CM6631 Datasheet
495Kb / 16P
   USB 2.0 High-Speed True HD Audio Processor
2010/03/22 Rev. 0.8
CM6620A CMEDIA-CM6620A Datasheet
630Kb / 17P
   USB 2.0 High-Speed True HD Audio Processor
logo
Texas Instruments
TUSB6015 TI-TUSB6015 Datasheet
694Kb / 28P
[Old version datasheet]   USB 2.0 High Speed Peripheral Controller
logo
Microchip Technology
USB4715 MICROCHIP-USB4715 Datasheet
2Mb / 47P
   USB 2.0 Hi-Speed Hub Controller with FlexConnect on all Ports
09/14/21
logo
List of Unclassifed Man...
SQ930C ETC1-SQ930C Datasheet
944Kb / 20P
   High-Speed USB 2.0 Video Camera Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com