Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC5801A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CDC5801A
Description  LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC5801A Datasheet(HTML) 11 Page - Texas Instruments

Back Button CDC5801A Datasheet HTML 7Page - Texas Instruments CDC5801A Datasheet HTML 8Page - Texas Instruments CDC5801A Datasheet HTML 9Page - Texas Instruments CDC5801A Datasheet HTML 10Page - Texas Instruments CDC5801A Datasheet HTML 11Page - Texas Instruments CDC5801A Datasheet HTML 12Page - Texas Instruments CDC5801A Datasheet HTML 13Page - Texas Instruments CDC5801A Datasheet HTML 14Page - Texas Instruments CDC5801A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CDC5801A
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH
PROGRAMMABLE DELAY AND PHASE ALIGNMENT
SCAS813A − AUGUST 2005 − REVISED DECEMBER 2005
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
CLKOUTB
CLKOUT
tcycle,i
tcycle,i+1
Cycle-to-Cycle Jitter = | tcycle,i − tcycle,i+r| Over 1000 Consecutive Cycles
Figure 2. Cycle-to-Cycle Jitter
CLKOUT
CLKOUTB
tpw+
tcycle
Duty Cycle = (tpw+/tcycle)
Figure 3. Output Duty Cycle
CLKOUT
CLKOUTB
VX+
VX, nom
VX−
Figure 4. Crossing-Point Voltage
80%
tf
tr
20%
VOL
VOH
Figure 5. Voltage Waveforms
PWRDNB
CLKOUT/
CLKOUTB
t(power down)
t(power up)
Figure 6. PWRDNB Transition Timings


Similar Part No. - CDC5801A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC5801A TI-CDC5801A Datasheet
333Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
CDC5801A TI1-CDC5801A Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
CDC5801ADBQG4 TI1-CDC5801ADBQG4 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
CDC5801ADBQR TI1-CDC5801ADBQR Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
CDC5801ADBQRG4 TI1-CDC5801ADBQRG4 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
More results

Similar Description - CDC5801A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC5801 TI-CDC5801 Datasheet
214Kb / 16P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT
CDC5801A TI-CDC5801A Datasheet
333Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
logo
Hittite Microwave Corpo...
HMC988LP3E HITTITE-HMC988LP3E Datasheet
1Mb / 22P
   PROGRAMMABLE CLOCK DIVIDER AND DELAY
logo
Pericom Semiconductor C...
PI6C2310 PERICOM-PI6C2310 Datasheet
138Kb / 5P
   Low skew, low jitter, PLL clock buffer with divider or multiplier
logo
Texas Instruments
CDC5801A TI1-CDC5801A_14 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
logo
Analog Devices
HMC988LP3E AD-HMC988LP3E Datasheet
1Mb / 22P
   PROGRAMMABLE CLOCK DIVIDER AND DELAY DC - 4 GHz
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
   Clock Multiplier and Jitter Attenuator
logo
Renesas Technology Corp
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
   CLOCK MULTIPLIER AND JITTER ATTENUAT
logo
Texas Instruments
LMK04906 TI1-LMK04906 Datasheet
1Mb / 117P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier with 6 Programmable Outputs
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com