Electronic Components Datasheet Search |
|
CDC5801ADBQ Datasheet(PDF) 6 Page - Texas Instruments |
|
|
CDC5801ADBQ Datasheet(HTML) 6 Page - Texas Instruments |
6 / 18 page CDC5801A LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY AND PHASE ALIGNMENT SCAS813A − AUGUST 2005 − REVISED DECEMBER 2005 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS† MIN TYP‡ MAX UNIT VO(STOP) Output voltage during CLK stop mode See Figure 1 1.1 2 V VOX Output crossing-point voltage See Figure 1 and Figure 4 0.5VDDO−0.2 0.5VDDO+0.2 V VO Output voltage swing (VOH − VOL) See Figure 1 1.7 2.9 V VIK Input clamp voltage VDD = 3 V, II = −18 mA −1.2 V VOH High-level output voltage See Figure 1, VDD = 3 to 3.6 V 2.0 2.6 V VOH High-level output voltage VDD = 3 V, IOH = −16 mA 2.2 V VOL Low-level output voltage See Figure 1, VDD = 3 to 3.6 V 0.3 0.6 V VOL Low-level output voltage VDD = 3 V, IOL = 16 mA 0.5 V VDD = 3.135 V, VO = 1 V −32 −52 IOH High-level output current VDD = 3.3 V, VO = 1.65 V −51 mA IOH High-level output current VDD = 3.465 V, VO = 3.135 V −14.5 −21 mA VDD = 3.135 V, VO = 1.95 V 43 61.5 IOL Low-level output current VDD = 3.3 V, VO = 1.65 V 65 mA IOL Low-level output current VDD = 3.465 V, VO = 0.4 V 25.5 36 mA IOZ High-impedance-state output current P0 = 0, P1 = 1 ±10 µA IOZ(STOP) High-impedance-state output current during CLK stop Stop = 0, VO = GND or VDD ±100 µA IOZ(PD) High-impedance-state output current in power-down state PWRDNB = 0, VO = GND or VDD −10 100 µA High-level input REFCLK, STOPB VDD = 3.6 V, VI = VDD 10 IIH High-level input current PWRDNB, P0:2, MULT/ DIV0:1 VDD = 3.6 V, VI = VDD 10 µA Low-level input REFCLK, STOPB VDD = 3.6 V, VI = 0 −10 IIL Low-level input current PWRDNB, P0:2, MULT/ DIV0:1 VDD = 3.6 V, VI = 0 −10 µA ZO Output impedance High state RI at IO −14.5 mA to −16.5 mA 15 35 50 Ω ZO Output impedance (single ended) Low state RI at IO 14.5 mA to 16.5 mA 11 17 35 Ω Reference current VDDREF, VDD = 3.6 V PWRDNB = 0 50 µA Reference current VDDREF, VDDPD VDD = 3.6 V PWRDNB = 1 0.5 mA CI Input capacitance VI = VDD or GND 2 pF CO Output capacitance VO = VDD or GND 3 pF IDD(PD) Supply current in power-down state REFCLK = 0 MHz to 100 MHz, PWDNB = 0, STOPB = 1 150 µA IDD(CLKSTOP) Supply current in CLK stop state BUSCLK configured for 500 MHz 40 mA IDD(NORMAL) Supply current in normal state BUSCLK = 500 MHz P0:2 = 000; load see Figure 1 70 mA † VDD refers to any of the following; VDDPA, VDDPD, VDDREF, VDDO, and VDDP ‡ All typical values are at VDD = 3.3 V, TA = 25°C. |
Similar Part No. - CDC5801ADBQ |
|
Similar Description - CDC5801ADBQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |