Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24295RGER Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24295RGER
Description  I2C Controlled 3A Single Cell USB Charger With Narrow VDC 4.5-5.5V Adjustable Voltage at 1.5A Synchronous Boost Operation
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24295RGER Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ24295RGER Datasheet HTML 9Page - Texas Instruments BQ24295RGER Datasheet HTML 10Page - Texas Instruments BQ24295RGER Datasheet HTML 11Page - Texas Instruments BQ24295RGER Datasheet HTML 12Page - Texas Instruments BQ24295RGER Datasheet HTML 13Page - Texas Instruments BQ24295RGER Datasheet HTML 14Page - Texas Instruments BQ24295RGER Datasheet HTML 15Page - Texas Instruments BQ24295RGER Datasheet HTML 16Page - Texas Instruments BQ24295RGER Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
65
70
75
80
85
90
95
0
0.5
1
1.5
2
2.5
3
3.5
Charge Current (A)
VBUS = 5V
70
75
80
85
90
95
0
0.5
1
1.5
2
2.5
3
Load Current (A)
VBUS = 5V
bq24295
www.ti.com
SLUSBC1 – SEPTEMBER 2013
TYPICAL CHARACTERISTICS
Table 1. Tables of Figures
FIGURE NO.
CHARGING EFFICIENCY vs. CHARGING CURRENT (DCR = 10m
Ω)
Figure 3
SYSTEM EFFICIENCY vs. SYSTEM LOAD CURRENT (DCR = 10m
Ω)
Figure 4
BOOST MODE EFFICIENCY vs VBUS LOAD CURRENT (DCR = 10m
Ω)
Figure 5
SYS VOLTAGE REGULATION vs SYSTEM LOAD CURRENT
Figure 6
BOOST MODE PMID VOLTAGE REGULATION (Typical Output = 5.126V ;
Figure 7
REG06[7:4]=1001) vs PMID LOAD CURRENT
SYS VOLTAGE vs TEMPERATURE
Figure 8
BAT VOLTAGE vs TEMPERATURE
Figure 9
INPUT CURRENT LIMIT vs TEMPERATURE
Figure 10
CHARGE CURRENT vs PACKAGE TEMPERATURE
Figure 11
bq24295 Power Up with Charge Enabled (VBAT =3.2V)
Figure 12
bq24295 Power Up with Charge Disabled (VBAT =3.2V)
Figure 13
Charge Enable (VBUS = 5V)
Figure 14
Charge Disable
Figure 15
PWM Switching in Buck Mode (VBUS = 5V, No Battery, ISYS = 40mA, Charge Disable)
Figure 16
Input Current DPM Response Without Battery (VBUS = 5V, IIN = 3A, No Battery, Charge
Figure 18
Disable
Load Transient During Supplement Mode (VBUS = 5V, IIN = 1.5A, VBAT = 3.8V)
Figure 19
Boost Mode Switching (VBAT = 3.8V, ILOAD = 1A)
Figure 20
Boost Mode Load Transient (VBAT = 3.8V)
Figure 21
CHARGE EFFICIENCY
SYSTEM EFFICIENCY
vs
vs
CHARGE CURRENT
SYSTEM LOAD CURRENT
Figure 3.
Figure 4.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: bq24295


Similar Part No. - BQ24295RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24295RGER TI1-BQ24295RGER Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
More results

Similar Description - BQ24295RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24296M TI-BQ24296M_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24296M I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24298 TI-BQ24298_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24298 I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
   I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger
BQ24195 TI-BQ24195 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A / 4.5A Single Cell USB/Adapter Charger With 5.1V at 1A / 5.1V at 2.1A Synchronous Boost Operation
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com